Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2575-ATA5T Datasheet(PDF) 6 Page - First Components International

No. de pieza LM2575-ATA5T
Descripción Electrónicos  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-ATA5T Datasheet(HTML) 6 Page - First Components International

Back Button LM2575-ATA5T Datasheet HTML 2Page - First Components International LM2575-ATA5T Datasheet HTML 3Page - First Components International LM2575-ATA5T Datasheet HTML 4Page - First Components International LM2575-ATA5T Datasheet HTML 5Page - First Components International LM2575-ATA5T Datasheet HTML 6Page - First Components International LM2575-ATA5T Datasheet HTML 7Page - First Components International LM2575-ATA5T Datasheet HTML 8Page - First Components International LM2575-ATA5T Datasheet HTML 9Page - First Components International LM2575-ATA5T Datasheet HTML 10Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
TEST CIRCUIT AND LAYOUT GUIDELINES
Careful layout is important with any switching regulator. Rapidly switching currents associated with wiring
inductance generate voltage transients, which can cause problems. To minimize inductance and ground loops,
the lengths of the leads indicated by heavy lines in Figure 1 below should be kept as short as possible. Single-
point grounding (as indicated in Figure 1) or ground plane construction should be used for best results. When
using the Adjustable version, place the programming resistors as close as possible to
sensitive feedback wiring short.
V
IN
Unregulated
DC Input
+V
IN
1
+
C
IN
GND 3
5
2
Output
4
Feedback
L1
D1
MBR360
C
OUT
V
OUT
FIXED OUTPUT
+
ON/OFF
L
O
A
D
Figure 1(a). Fixed Output Voltage Versions
C - 100 µF, 75V, Aluminum Electrolytic
IN
C
- 330 µF, 25V, Aluminum Electrolytic
OUT
D1 - Schottky, MBR360
L1 - 330 µH,
R1 - 2k, 0.1%
R2 - 6.12k, 0.1%
3L Electronic Corp. TC-331M-1.0A- 5026
330 µH
330 µF
100 µF
LM2575, to keep the
LM2575
LM2575 1.0A Step - Down Voltage Switching Regulators


Número de pieza similar - LM2575-ATA5T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
LM2575-ADJ MOTOROLA-LM2575-ADJ Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
More results

Descripción similar - LM2575-ATA5T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com