Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2020DG4 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza TPS2020DG4
Descripción Electrónicos  POWER-DISTRIBUTION SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2020DG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS2020DG4 Datasheet HTML 1Page - Texas Instruments TPS2020DG4 Datasheet HTML 2Page - Texas Instruments TPS2020DG4 Datasheet HTML 3Page - Texas Instruments TPS2020DG4 Datasheet HTML 4Page - Texas Instruments TPS2020DG4 Datasheet HTML 5Page - Texas Instruments TPS2020DG4 Datasheet HTML 6Page - Texas Instruments TPS2020DG4 Datasheet HTML 7Page - Texas Instruments TPS2020DG4 Datasheet HTML 8Page - Texas Instruments TPS2020DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS2020
,, TPS2021
TPS2022, TPS2023, TPS2024
SLVS175C – DECEMBER 1998 – REVISED SEPTEMBER 2007
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = rated current, EN = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
VI(IN) = 5 V, TJ = 25°C, IO = 1.8 A
33
36
VI(IN) = 5 V, TJ = 85°C, IO = 1.8 A
38
46
VI(IN) = 5 V, TJ = 125°C, IO = 1.8 A
44
50
VI(IN) = 3.3 V, TJ = 25°C, IO = 1.8 A
37
41
VI(IN) = 3.3 V, TJ = 85°C, IO = 1.8 A
43
52
VI(IN) = 3.3 V, TJ = 125°C, IO = 1.8 A
51
61
Static drain-source on-state
rDS(on)
m
resistance
VI(IN) = 5 V, TJ = 25°C, IO = 0.18 A
30
34
VI(IN) = 5 V, TJ = 85°C, IO = 0.18 A
35
41
VI(IN) = 5 V, TJ = 125°C, IO = 0.18 A
39
47
VI(IN) = 3.3 V, TJ = 25°C, IO = 0.18 A
33
37
VI(IN) = 3.3 V, TJ = 85°C, IO = 0.18 A
39
46
VI(IN) = 3.3 V, TJ = 125°C, IO = 0.18 A
44
56
VI(IN) = 5.5 V, CL = 1 μF, TJ = 25°C, RL = 10 Ω
6.1
tr
Rise time, output
ms
VI(IN) = 2.7 V, CL = 1 μF, TJ = 25°C, RL = 10 Ω
8.6
VI(IN) = 5.5 V, CL = 1 μF, TJ = 25°C, RL = 10 Ω
3.4
tf
Fall time, output
ms
VI(IN) = 2.7 V, CL = 1 μF, TJ = 25°C, RL = 10 Ω
3
ENABLE INPUT (EN)
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
4.5 V
≤ VI(IN) ≤ 5.5 V
0.8
VIL
Low-level input voltage
V
2.7 V
≤ VI(IN) ≤ 4.5 V
0.5
II
Input current
EN= 0 V or EN = VI(IN)
–0.5
0.5
μA
ton
Turnon time
CL = 100 μF, RL= 10 Ω
20
ms
toff
Turnoff time
CL = 100 μF, RL= 10 Ω
40
CURRENT LIMIT
TPS2020
0.22
0.3
0.4
TPS2021
0.66
0.9
1.1
TJ = 25°C, VI = 5.5 V,
IOS
Short-circuit output current
OUT connected to GND,
TPS2022
1.1
1.5
1.8
A
Device enabled into short circuit
TPS2023
1.65
2.2
2.7
TPS2024
2.2
3
3.8
SUPPLY CURRENT
TJ = 25°C
0.3
1
Supply current, low-level output
No load on OUT EN = VI(IN)
μA
–40
°C ≤ T
J
10
125
°C
TJ = 25°C
58
75
Supply current, high-level output
No load on OUT EN = 0 V
μA
–40
°C ≤ T
J
75
100
125
°C
OUT connected
–40
°C ≤ T
J
Leakage current
EN = VI(IN)
10
μA
to ground
125
°C
UNDERVOLTAGE LOCKOUT
Low-level input voltage
2
2.5
V
Hysteresis
TJ = 25°C
100
mV
OVERCURRENT (OC)
Output low voltage
IO = 10 mA, VOL(OC)
0.4
V
Off-state current(2)
VO = 5 V, VO = 3.3 V
1
μA
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Specified by design, not production tested.
Copyright © 1998–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS2020 TPS2021 TPS2022 TPS2023 TPS2024


Número de pieza similar - TPS2020DG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2020D TI-TPS2020D Datasheet
377Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2020DG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
   Power Distribution Switches
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com