Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC27L2AMJGB Datasheet(PDF) 8 Page - Texas Instruments |
|
TLC27L2AMJGB Datasheet(HTML) 8 Page - Texas Instruments |
8 / 49 page TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC27L2M TLC27L7M UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC27L2M VO = 1.4 V, VIC = 0, 25 °C 1.1 10 mV VIO Input offset voltage TLC27L2M VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 12 mV VIO Input offset voltage TLC27L7M VO = 1.4 V, VIC = 0, 25 °C 170 500 µV TLC27L7M VO = 1.4 V, RS = 50 Ω, VIC = 0, RL = 1 MΩ Full range 3750 µV αVIO Average temperature coefficient of 25 °C to 1.4 µV/°C αVIO Average temperature coefficient of input offset voltage 25 C to 125 °C 1.4 µV/°C IIO Input offset current (see Note 4) VO = 2.5 V, VIC = 2.5 V 25 °C 0.1 60 pA IIO Input offset current (see Note 4) VO = 2.5 V, VIC = 2.5 V 125 °C 1.4 15 nA IIB Input bias current (see Note 4) VO = 2.5 V, VIC = 2.5 V 25 °C 0.6 60 pA IIB Input bias current (see Note 4) VO = 2.5 V, VIC = 2.5 V 125 °C 9 35 nA 0 − 0.3 25 °C 0 to − 0.3 to V VICR Common-mode input voltage range 25 C to 4 to 4.2 V VICR Common-mode input voltage range (see Note 5) 0 (see Note 5) Full range 0 to V Full range to 3.5 V 25 °C 3.2 4.1 VOH High-level output voltage VID = 100 mV, RL = 1 MΩ −55 °C 3 4.1 V VOH High-level output voltage VID = 100 mV, RL = 1 MΩ 125 °C 3 4.2 V 25 °C 0 50 VOL Low-level output voltage VID = − 100 mV, IOL = 0 −55 °C 0 50 mV VOL Low-level output voltage VID = − 100 mV, IOL = 0 125 °C 0 50 mV Large-signal differential voltage 25 °C 50 500 AVD Large-signal differential voltage amplification VO = 0.25 V to 2 V, RL = 1 MΩ −55 °C 25 1000 V/mV AVD amplification VO = 0.25 V to 2 V, RL = 1 MΩ 125 °C 25 200 V/mV 25 °C 65 94 CMRR Common-mode rejection ratio VIC = VICRmin −55 °C 60 95 dB CMRR Common-mode rejection ratio VIC = VICRmin 125 °C 60 85 dB Supply-voltage rejection ratio 25 °C 70 97 kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V −55 °C 60 97 dB kSVR ( ∆VDD/∆VIO) VDD = 5 V to 10 V, VO = 1.4 V 125 °C 60 98 dB VO = 2.5 V, VIC = 2.5 V, 25 °C 20 34 IDD Supply current (two amplifiers) VO = 2.5 V, No load VIC = 2.5 V, −55 °C 35 60 µA IDD Supply current (two amplifiers) No load 125 °C 14 24 µA † Full range is − 55°C to 125°C. NOTES: 4. The typical values of input bias current and input offset current below 5 pA were determined mathematically. 5. This range also applies to each input individually. |
Número de pieza similar - TLC27L2AMJGB |
|
Descripción similar - TLC27L2AMJGB |