Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2940CSX-12 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2940CSX-12
Descripción Electrónicos  LM2940-N/LM2940C 1A Low Dropout Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940CSX-12 Datasheet(HTML) 4 Page - Texas Instruments

  LM2940CSX-12 Datasheet HTML 1Page - Texas Instruments LM2940CSX-12 Datasheet HTML 2Page - Texas Instruments LM2940CSX-12 Datasheet HTML 3Page - Texas Instruments LM2940CSX-12 Datasheet HTML 4Page - Texas Instruments LM2940CSX-12 Datasheet HTML 5Page - Texas Instruments LM2940CSX-12 Datasheet HTML 6Page - Texas Instruments LM2940CSX-12 Datasheet HTML 7Page - Texas Instruments LM2940CSX-12 Datasheet HTML 8Page - Texas Instruments LM2940CSX-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LM2940-N, LM2940C
SNVS769I – MARCH 2000 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
VIN = VO + 5V, IO = 1A, CO = 22 μF, unless otherwise specified. Boldface limits apply over the entire operating
temperature range of the indicated device. All other specifications apply for TA = TJ = 25°C.
Output Voltage (VO)
5V
8V
Parameter
Conditions
Typ
LM2940-N
LM2940-
Typ
LM2940-N
LM2940-
Units
Limit(1)
N/883
Limit(1)
N/883
Limit(2)
Limit(2)
Output Voltage
5 mA
≤ IO ≤ 1A
6.25V
≤ VIN ≤ 26V
9.4V
≤ VIN ≤ 26V
5.00
4.85/4.75
4.85/4.75
8.00
7.76/7.60
7.76/7.60
VMIN
5.15/5.25
5.15/5.25
8.24/8.40
8.24/8.40
VMAX
Line Regulation
VO + 2V ≤ VIN ≤ 26V,
20
50
40/50
20
80
50/80
mVMAX
IO = 5 mA
Load Regulation
50 mA
≤ IO ≤ 1A
LM2940-N, LM2940-N/883
35
50/80
50/100
55
80/130
80/130
mVMAX
LM2940C
35
50
55
80
Output Impedance
100 mADC and
20 mArms,
35
1000/1000
55
1000/1000
m
Ω
fO = 120 Hz
Quiescent Current
VO +2V ≤ VIN ≤ 26V,
IO = 5 mA
LM2940-N, LM2940-N/883
10
15/20
15/20
10
15/20
15/20
mAMAX
LM2940C
10
15
VIN = VO + 5V,
30
45/60
50/60
30
45/60
50/60
mAMAX
IO = 1A
Output Noise Voltage 10 Hz
− 100 kHz,
150
700/700
240
1000/1000
μVrms
IO = 5 mA
Ripple Rejection
fO = 120 Hz, 1 Vrms,
IO = 100 mA
LM2940-N
72
60/54
66
54/48
dBMIN
LM2940C
72
60
66
54
fO = 1 kHz, 1 Vrms,
60/50
54/48
dBMIN
IO = 5 mA
Long Term Stability
20
32
mV/
1000 Hr
Dropout Voltage
IO = 1A
0.5
0.8/1.0
0.7/1.0
0.5
0.8/1.0
0.7/1.0
VMAX
IO = 100 mA
110
150/200
150/200
110
150/200
150/200
mVMAX
Short Circuit
See (3)
1.9
1.6
1.5/1.3
1.9
1.6
1.6/1.3
AMIN
Current
Maximum Line
RO = 100Ω
Transient
LM2940-N, T
≤ 100 ms
75
60/60
75
60/60
VMIN
LM2940-N/883, T
≤ 20 ms
40/40
40/40
LM2940C, T
≤ 1 ms
55
45
55
45
Reverse Polarity
RO = 100Ω
DC Input Voltage
LM2940-N, LM2940-N/883
−30
−15/−15
−15/−15
−30
−15/−15
−15/−15
VMIN
LM2940C
−30
−15
−30
−15
(1)
All limits are specified at TA = TJ = 25°C only (standard typeface) or over the entire operating temperature range of the indicated device
(boldface type). All limits at TA = TJ = 25°C are 100% production tested. All limits at temperature extremes are specified via correlation
using standard Statistical Quality Control methods.
(2)
All limits are specified at TA = TJ = 25°C only (standard typeface) or over the entire operating temperature range of the indicated device
(boldface type). All limits are 100% production tested and are used to calculate Outgoing Quality Levels.
(3)
Output current will decrease with increasing temperature but will not drop below 1A at the maximum specified temperature.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM2940-N LM2940C


Número de pieza similar - LM2940CSX-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2940CSX-12 TI1-LM2940CSX-12 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940CSX-12/NOPB TI1-LM2940CSX-12/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Descripción similar - LM2940CSX-12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2940-N TI1-LM2940-N Datasheet
461Kb / 22P
[Old version datasheet]   LM2940/LM2940C 1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com