Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2731 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2731
Descripción Electrónicos  LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2731 Datasheet(HTML) 1 Page - Texas Instruments

  LM2731 Datasheet HTML 1Page - Texas Instruments LM2731 Datasheet HTML 2Page - Texas Instruments LM2731 Datasheet HTML 3Page - Texas Instruments LM2731 Datasheet HTML 4Page - Texas Instruments LM2731 Datasheet HTML 5Page - Texas Instruments LM2731 Datasheet HTML 6Page - Texas Instruments LM2731 Datasheet HTML 7Page - Texas Instruments LM2731 Datasheet HTML 8Page - Texas Instruments LM2731 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Efficiency vs Load Current
LOAD CURRENT (mA)
3.3 -5V Boost
^z_ s Υ]}v
0
200
400
600
800
70
80
90
100
LM2731
³<´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
3.3 VIN
C1
2.2PF
R2
13.3K
CF
470pF
D1
MBR0520
R1/40.5K
L1/6.8PH
C2
22PF
5V
OUT
700mA
(TYP)
Efficiency vs Load Current
LOAD CURRENT (mA)
0 100
200
300 400
70
80
90
100
LM2731
³;´
SW
FB
GND
VIN
SHDN
U1
R3
51K
SHDN
GND
5 VIN
C1
2.2PF
R2
13.3K
CF
220pF
D1
MBR0520
R1/117K
L1/10PH
C2
4.7PF
12V
OUT
500mA
(TYP)
500
5 - 12V Boost
^y_ s Υ]}v
TI Confidential - NDA Restrictions
LM2731
www.ti.com
SNVS217F – MAY 2004 – REVISED NOVEMBER 2012
LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
Check for Samples: LM2731
1
FEATURES
DESCRIPTION
The LM2731 switching regulators are current-mode
2
22V DMOS FET Switch
boost converters operating at fixed frequencies of 1.6
1.6 MHz (“X”), 0.6 MHz (“Y”) Switching
MHz (“X” option) and 600 kHz (“Y” option).
Frequency
The use of SOT-23 package, made possible by the
Low RDS(ON) DMOS FET
minimal power loss of the internal 1.8A switch, and
Switch Current up to 1.8A
use of small inductors and capacitors result in the
industry's highest power density. The 22V internal
Wide Input Voltage Range (2.7V–14V)
switch makes these solutions perfect for boosting to
Low Shutdown Current (<1 µA)
voltages up to 20V.
5-Lead SOT-23 Package
These parts have a logic-level shutdown pin that can
Uses Tiny Capacitors and Inductors
be used to reduce quiescent current and extend
Cycle-by-Cycle Current Limiting
battery life.
Internally Compensated
Protection is provided through cycle-by-cycle current
limiting and thermal shutdown. Internal compensation
APPLICATIONS
simplifies design and reduces component count.
White LED Current Source
Table 1. Switch Frequency
PDA’s and Palm-Top Computers
X
Y
Digital Cameras
1.6 MHz
0.6 MHz
Portable Phones and Games
Local Boost Regulator
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM2731

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731 Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI-LM2731 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
More results

Descripción similar - LM2731

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2731YMFX TI-LM2731YMFX Datasheet
629Kb / 16P
[Old version datasheet]   LM2731 0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 TI1-LM2731_14 Datasheet
1Mb / 22P
[Old version datasheet]   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM2731 NSC-LM2731 Datasheet
528Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2731 NSC-LM2731_07 Datasheet
432Kb / 16P
   0.6/1.6 MHz Boost Converters With 22V Internal FET Switch in SOT-23
LM2733 NSC-LM2733_07 Datasheet
406Kb / 16P
   0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
logo
Texas Instruments
LM2731 TI-LM2731_15 Datasheet
1Mb / 29P
[Old version datasheet]    0.6/1.6-MHz Boost Converters With 22-V Internal FET Switch in SOT-23
LM2733YMF-NOPB TI-LM2733YMF-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
LM2733 TI-LM2733_15 Datasheet
1Mb / 26P
[Old version datasheet]    0.6 and 1.6-MHz Boost Converters With 40-V Internal FET Switch in SOT-23
logo
National Semiconductor ...
LM27313 NSC-LM27313_07 Datasheet
337Kb / 12P
   1.6 MHz Boost Converter With 30V Internal FET Switch in SOT-23
LM2733 NSC-LM2733 Datasheet
507Kb / 13P
   0.6/1.6 MHz Boost Converters With 40V Internal FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com