Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST16C2550IJ44 Datasheet(PDF) 5 Page - Exar Corporation

No. de pieza ST16C2550IJ44
Descripción Electrónicos  Up to 4 Mbps with external clock of 64 MHz
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EXAR [Exar Corporation]
Página de inicio  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IJ44 Datasheet(HTML) 5 Page - Exar Corporation

  ST16C2550IJ44 Datasheet HTML 1Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 2Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 3Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 4Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 5Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 6Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 7Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 8Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
ST16C2550
5
REV. 4.4.1
2.97V TO 5.5V DUART WITH 16-BYTE FIFO
TXRDYB#
-
12
6
O
UART channel B Transmitter Ready (active low). The out-
put provides the TX FIFO/THR status for transmit channel
B. See Table 2. If it is not used, leave it unconnected.
RXRDYB#
-
23
18
O
UART channel B Receiver Ready (active low). This out-
put provides the RX FIFO/RHR status for receive channel
B. See Table 2. If it is not used, leave it unconnected.
MODEM OR SERIAL I/O INTERFACE
TXA
11
13
7
O
UART channel A Transmit Data. If it is not used, leave it
unconnected.
RXA
10
11
5
I
UART channel A Receive Data. Normal receive data
input must idle at logic 1 condition. If it is not used, tie it to
VCC or pull it high via a 100k ohm resistor.
RTSA#
32
36
33
O
UART channel A Request-to-Send (active low) or general
purpose output. If it is not used, leave it unconnected.
CTSA#
36
40
38
I
UART channel A Clear-to-Send (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
DTRA#
33
37
34
O
UART channel A Data-Terminal-Ready (active low) or
general purpose output. If it is not used, leave it uncon-
nected.
DSRA#
37
41
39
I
UART channel A Data-Set-Ready (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
CDA#
38
42
40
I
UART channel A Carrier-Detect (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
RIA#
39
43
41
I
UART channel A Ring-Indicator (active low) or general
purpose input. This input should be connected to VCC
when not used. This input has no effect on the UART.
OP2A#
31
35
32
O
Output Port 2 Channel A - The output state is defined by
the user and through the software setting of MCR[3].
INTA is set to the active mode and OP2A# output to a
logic 0 when MCR[3] is set to a logic 1. INTA is set to the
three state mode and OP2A# to a logic 1 when MCR[3] is
set to a logic 0. See MCR[3]. This output should not be
used as a general output else it will disturb the INTA out-
put functionality. If it is not used at all, leave it uncon-
nected.
TXB
12
14
8
O
UART channel B Transmit Data. If it is not used, leave it
unconnected.
RXB
9
10
4
I
UART channel B Receive Data. Normal receive data
input must idle at logic 1 condition. If it is not used, tie it to
VCC or pull it high via a 100k ohm resistor.
RTSB#
24
27
22
O
UART channel B Request-to-Send (active low) or general
purpose output. If it is not used, leave it unconnected.
Pin Description
NAME
40-PDIP
PIN #
44-PLCC
PIN #
48-TQFP
PIN #
TYPE
DESCRIPTION


Número de pieza similar - ST16C2550IJ44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Exar Corporation
ST16C2550IJ44 EXAR-ST16C2550IJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550IJ44 EXAR-ST16C2550IJ44 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Descripción similar - ST16C2550IJ44

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
New Japan Radio
NJU6359 NJRC-NJU6359 Datasheet
330Kb / 11P
   SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
NXP Semiconductors
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
   Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
logo
List of Unclassifed Man...
ST-85540 ETC-ST-85540 Datasheet
114Kb / 1P
   64 MBPS INTERFACE TRANSFORMERS
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com