Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM24VN10-G Datasheet(PDF) 8 Page - Cypress Semiconductor

No. de pieza FM24VN10-G
Descripción Electrónicos  1Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM24VN10-G Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button FM24VN10-G Datasheet HTML 4Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 5Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 6Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 7Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 8Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 9Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 10Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 11Page - Cypress Semiconductor FM24VN10-G Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FM24V10 - 1Mb I2C FRAM
Document Number: 001-84463 Rev. **
Page 8 of 17
Sleep Mode
A
low
power
mode
called
Sleep
Mode
is
implemented on both FM24V10 and FM24VN10
devices. The device will enter this low power state
when the Sleep command 0x86 is clocked-in. Sleep
Mode entry can be entered as follows:
1.
The master sends a START command.
2.
The master sends Reserved Slave ID 0xF8
3.
The master sends the I
2C-bus slave address of
the slave device it needs to identify. The last
two bits are „Don‟t care‟ values (Page Select
and
R/W
bits).
Only
one
device
must
acknowledge this byte (the one that has the
I
2C-bus slave address).
4.
The master sends a Re-START command.
5.
The master sends Reserved Slave ID 0x86
6.
The FM24V10 sends an ACK.
7.
The master sends STOP to ensure the device
enters sleep mode.
Once in sleep mode, the device draws IZZ current, but
the device continues to monitor the I
2C pins. Once
the master sends a Slave Address that the FM24V10
identifies, it will “wakeup” and be ready for normal
operation within tREC (400 s max.). As an alternative
method of determining when the device is ready, the
master can send read or write commands and look for
an ACK. While the device is waking up, it will
NACK the master until it is ready.
S
A P
By Master
By FM24V10
Start
Address
Stop
S
A
Rsvd Slave ID (F8)
Slave Address
A
Start
Address
Acknowledge
Rsvd Slave ID (86)
X X
Figure 12. Sleep Mode Entry


Número de pieza similar - FM24VN10-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM24VN10-G RAMTRON-FM24VN10-G Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
FM24VN10-G RAMTRON-FM24VN10-G Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24VN10-G CYPRESS-FM24VN10-G Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24VN10-GTR RAMTRON-FM24VN10-GTR Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
FM24VN10-GTR RAMTRON-FM24VN10-GTR Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
More results

Descripción similar - FM24VN10-G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10 CYPRESS-FM25V10_13 Datasheet
484Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com