Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM25C160B-GTR Datasheet(PDF) 10 Page - Cypress Semiconductor

No. de pieza FM25C160B-GTR
Descripción Electrónicos  16Kb Serial 5V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25C160B-GTR Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button FM25C160B-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 9Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 10Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 11Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 12Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 13Page - Cypress Semiconductor FM25C160B-GTR Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
FM25C160B - 16Kb 5V SPI F-RAM
Document Number: 001-84472 Rev. *A
Page 10 of 14
AC Parameters (TA = -40 C to + 85 C, VDD = 4.5V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
fCK
SCK Clock Frequency
0
20
MHz
tCH
Clock High Time
22
ns
1
tCL
Clock Low Time
22
ns
1
tCSU
Chip Select Setup
10
ns
tCSH
Chip Select Hold
10
ns
tOD
Output Disable
20
ns
2
tODV
Output Data Valid
20
ns
tOH
Output Hold
0
ns
tD
Deselect Time
60
ns
tR
Data In Rise Time
50
ns
1,3
tF
Data In Fall Time
50
ns
1,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/Hold Setup Time
10
ns
tHH
/Hold Hold Time
10
ns
tHZ
/Hold Low to Hi-Z
20
ns
2
tLZ
/Hold High to Data Active
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2.
Rise and fall times measured between 10% and 90% of waveform.
3.
This parameter is characterized and not 100% tested.
Capacitance (TA = 25 C, f=1.0 MHz, VDD = 5V)
Symbol
Parameter
Max
Units
Notes
CO
Output Capacitance (SO)
8
pF
1
CI
Input Capacitance
6
pF
1
Notes
1.
This parameter is characterized and not 100% tested.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
5 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF
Data Retention
Symbol
Parameter
Min
Max
Units
Notes
TDR
@
+85ºC
10
-
Years
@
+80ºC
19
-
Years
@
+75ºC
38
-
Years


Número de pieza similar - FM25C160B-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM25C160B-GTR RAMTRON-FM25C160B-GTR Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-GTR CYPRESS-FM25C160B-GTR Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Descripción similar - FM25C160B-GTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM24C16B RAMTRON-FM24C16B Datasheet
225Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C16B CYPRESS-FM24C16B_13 Datasheet
341Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com