Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM28V020-T28G Datasheet(PDF) 6 Page - Cypress Semiconductor

No. de pieza FM28V020-T28G
Descripción Electrónicos  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020-T28G Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM28V020-T28G Datasheet HTML 2Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 3Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 4Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 5Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 6Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 7Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 8Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 9Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FM28V020 - 32Kx8 F-RAM
Document Number: 001-86204 Rev. *A
Page 6 of 16
SRAM Drop-In Replacement
The FM28V020 has been designed to be a drop-in
replacement for standard asynchronous SRAMs. The
device does not require /CE to toggle for each new
address. /CE may remain low indefinitely while VDD
is applied. When /CE is low, the device automatically
detects address changes and a new access begins. It
also allows page mode operation at speeds up to
15MHz.
A typical application is shown in Figure 2. It shows a
pullup resistor on /CE which will keep the pin high
during power cycles assuming the MCU/MPU pin tri-
states during the reset condition. The pullup resistor
value should be chosen to ensure the /CE pin tracks
VDD yet a high enough value that the current drawn
when /CE is low is not an issue.
Figure 2. Typical Application using Pullup
Resistor on /CE
For applications that require the lowest power
consumption, the /CE signal should be active only
during memory accesses. Due to the external pullup
resistor, some supply current will be drawn while /CE
is low. When /CE is high, the device draws no more
than the maximum standby current ISB.
Note that if /CE is grounded, the user must be sure
/WE is not low at powerup or powerdown events. If
the chip is enabled and /WE is low during power
cycles, data corruption will occur. Figure 3 shows a
pullup resistor on /WE which will keep the pin high
during power cycles assuming the MCU/MPU pin tri-
states during the reset condition. The pullup resistor
value should be chosen to ensure the /WE pin tracks
VDD yet a high enough value that the current drawn
when /WE is low is not an issue. A 10Kohm resistor
draws 330uA when /WE is low and VDD=3.3V.
Figure 3. Use of Pullup Resistor on /WE
The FM28V020 is backward compatible with the
256Kbit FM18L08 device. Operating the FM28V020
with /CE toggling low on every address is perfectly
acceptable.
PCB Layout Recommendations
A 0.1uF decoupling capacitor should be placed close
to pin 28 (VDD) and the ground side of the capacitor
should be connected to either a ground plane or low
impedance path back to pin 14 (VSS). It is best to use
a chip capacitor that has low ESR and has good high
frequency characteristics.
If the controller drives the address and chip enable
from the same timing edge, it is best to keep the
address routes short and of equal length. A simple RC
circuit may be inserted in the chip enable path to
provide some delay and timing margin for the
FM28V020’s address setup time tAS.
As a general rule, the layout designer may need to
add series termination resistors to controller outputs
that have fast transitions or routes that are > 15cm in
length. This is only necessary if the edge rate is less
than or equal to the round trip trace delay. Signal
overshoot and ringback may be large enough to cause
erratic device behavior. It is best to add a 50 ohm
resistor (30 – 60 ohms) near the output driver
(controller) to reduce such transmission line effects.
CE
WE
OE
A(14:0)
DQ(7:0)
FM28V020
VDD
MCU/
MPU
R
CE
WE
OE
A(14:0)
DQ(7:0)
FM28V020
VDD
MCU/
MPU
R


Número de pieza similar - FM28V020-T28G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

Descripción similar - FM28V020-T28G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com