Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM28V020-T28G Datasheet(PDF) 7 Page - Cypress Semiconductor

No. de pieza FM28V020-T28G
Descripción Electrónicos  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020-T28G Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM28V020-T28G Datasheet HTML 3Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 4Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 5Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 6Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 7Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 8Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 9Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 10Page - Cypress Semiconductor FM28V020-T28G Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
FM28V020 - 32Kx8 F-RAM
Document Number: 001-86204 Rev. *A
Page 7 of 16
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +4.5V and
VIN < VDD+1V
TSTG
Storage Temperature
-55 C to +125 C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
2kV
1.25kV
200V
Package Moisture Sensitivity Level
MSL-2 (SOIC)
MSL-3 (TSOP)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to +85 C, VDD = 2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.0
3.3
3.6
V
IDD
VDD Supply Current
5
8
mA
1
ISB
Standby Current – CMOS
90
150
A
2
ILI
Input Leakage Current
1
A
3
ILO
Output Leakage Current
1
A
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH1
Output High Voltage (IOH = -1 mA, VDD=2.7V)
2.4
V
VOH2
Output High Voltage (IOH = -100 A)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 1 mA, VDD=2.7V)
0.4
V
VOL2
Output Low Voltage (IOL = 150 A)
0.2
V
Notes
1.
VDD = 3.6V, /CE cycling at minimum cycle time. All inputs at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded.
2.
VDD = 3.6V, /CE at VDD, All other pins at CMOS levels (0.2V or VDD-0.2V).
3.
VIN, VOUT between VDD and VSS.


Número de pieza similar - FM28V020-T28G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TG RAMTRON-FM28V020-TG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-TGTR RAMTRON-FM28V020-TGTR Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

Descripción similar - FM28V020-T28G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com