Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM33256B Datasheet(PDF) 6 Page - Cypress Semiconductor

No. de pieza FM33256B
Descripción Electrónicos  3V Integrated Processor Companion with F-RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM33256B Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM33256B Datasheet HTML 2Page - Cypress Semiconductor FM33256B Datasheet HTML 3Page - Cypress Semiconductor FM33256B Datasheet HTML 4Page - Cypress Semiconductor FM33256B Datasheet HTML 5Page - Cypress Semiconductor FM33256B Datasheet HTML 6Page - Cypress Semiconductor FM33256B Datasheet HTML 7Page - Cypress Semiconductor FM33256B Datasheet HTML 8Page - Cypress Semiconductor FM33256B Datasheet HTML 9Page - Cypress Semiconductor FM33256B Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
FM33256B SPI Companion w/ FRAM
Document Number: 001-86213 Rev. **
Page 6 of 30
Figure 5. Manual Reset
Note the internal weak pull-up eliminates the need
for additional external components.
Reset Flags
In case of a reset condition, a flag bit will be set to
indicate the source of the reset. A low-VDD reset is
indicated by the POR bit, register 09h bit 5. There are
two watchdog reset flags
- one for an early fault
(EWDF) and the other for a late fault (LWDF),
located in register 09h bits 7 and 6. A manual reset
will result in no flag being set, so the absence of a
flag is a manual reset. Note that the bits are set in
response to reset sources but they must be cleared by
the user. It is possible to read the register and have
both sources indicated if both have occurred since the
user cleared them.
Power Fail Comparator
An analog comparator compares the PFI input pin to
an onboard 1.5V reference. When the PFI input
voltage drops below this threshold, the comparator
will drive the PFO pin to a low state. The comparator
has 100 mV of hysteresis (rising voltage only) to
reduce
noise
sensitivity.
The
most
common
application of this comparator is to create an early
warning power fail interrupt (NMI). This can be
accomplished by connecting the PFI pin to an
upstream power supply via a resistor divider. An
application circuit is shown below. The comparator is
a general purpose device and its application is not
limited to the NMI function.
Figure 6. Comparator as a Power-Fail Warning
If the power-fail comparator is not used, the PFI pin
should be tied to either VDD or VSS. Note that the
PFO output will drive to VDD or VSS as well.
Event Counter
The FM33256B offers the user a nonvolatile 16-bit
event
counter.
The
input
pin
CNT
has
a
programmable edge detector. The CNT pin clocks the
counter. The counter is located in registers 0E-0Fh.
When the programmed edge polarity occurs, the
counter will increment its count value. The register
value is read by setting the RC bit (register 0Dh, bit
3) to 1. This takes a snapshot of the counter byte
allowing a stable value even if a count occurs during
the read. The register value can be written by first
setting the WC bit (register 0Dh, bit 2) to 1. The user
then may clear or preset the counter by writing to
registers 0E-0Fh. Counts are blocked when the WC
bit is set, so the user must clear the bit to allow
counts.
The counter polarity control bit is CP, register 0Dh
bit 0. When CP is 0, the counter increments on a
falling edge of CNT, and when CP is set to 1, the
counter increments on a rising edge of CNT. The
polarity bit CP is nonvolatile.
Figure 7. Event Counter
The counter does not wrap back to zero when it
reaches the limit of 65,535 (FFFFh). Care must be
taken prior to the rollover, and a subsequent counter
reset operation must occur to continue counting.
There is also a control bit that allows the user to
define the counter as nonvolatile or battery-backed.
The counter is nonvolatile when the NVC bit
16-bit Counter
CNT
CP
+
-
1.5V ref
Regulator
VDD
FM33256B
To MCU
NMI input
PFO
FM33256B
Reset
Switch
RST
MCU
Switch
Behavior
RST
FM33256B
drives
100 ms (max.)


Número de pieza similar - FM33256B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B RAMTRON-FM33256B Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM33256B-G RAMTRON-FM33256B-G Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B-GTR RAMTRON-FM33256B-GTR Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
More results

Descripción similar - FM33256B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com