Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD20NF06LT4 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza STD20NF06LT4
Descripción Electrónicos  N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD20NF06LT4 Datasheet(HTML) 5 Page - STMicroelectronics

  STD20NF06LT4 Datasheet HTML 1Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 2Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 3Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 4Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 5Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 6Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 7Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 8Page - STMicroelectronics STD20NF06LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
STD20NF06L - STD20NF06L-1
Electrical characteristics
5/14
Table 5.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=30V, ID=10A,
RG=4.7Ω, VGS=10V
(see Figure 13)
11
50
20
12
ns
ns
ns
ns
Table 6.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
Source-drain current
Source-drain current (pulsed)
24
96
A
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD=20A, VGS=0
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD=20A, di/dt = 100A/µs,
VDD=20V, Tj=150°C
(see Figure 16)
56
108
4
ns
nC
A


Número de pieza similar - STD20NF06LT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
STD20NF06LT4 VBSEMI-STD20NF06LT4 Datasheet
899Kb / 6P
   N-Channel 60-V (D-S) MOSFET
More results

Descripción similar - STD20NF06LT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
   N-channel 60V - 0.060廓 - 24A - DPAK/IPAK STripFET??II Power MOSFET
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
   N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
   N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
STD20NF06 STMICROELECTRONICS-STD20NF06 Datasheet
342Kb / 13P
   N-CHANNEL 60V - 0.032OHM - 24A DPAK STripFET TM II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
STD30PF03L STMICROELECTRONICS-STD30PF03L Datasheet
320Kb / 8P
   P-CHANNEL 30V - 0.025ohm - 24A DPAK/IPAK STripFET??II POWER MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com