Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF2804PBF Datasheet(PDF) 11 Page - International Rectifier

No. de pieza IRF2804PBF
Descripción Electrónicos  HEXFET짰 Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF2804PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF2804PBF_10 Datasheet HTML 4Page - International Rectifier IRF2804PBF_10 Datasheet HTML 5Page - International Rectifier IRF2804PBF_10 Datasheet HTML 6Page - International Rectifier IRF2804PBF_10 Datasheet HTML 7Page - International Rectifier IRF2804PBF_10 Datasheet HTML 8Page - International Rectifier IRF2804PBF_10 Datasheet HTML 9Page - International Rectifier IRF2804PBF_10 Datasheet HTML 10Page - International Rectifier IRF2804PBF_10 Datasheet HTML 11Page - International Rectifier IRF2804PBF_10 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRF2804/S/LPbF
www.irf.com
11
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
6TT@H7G`
GPUÃ8P9@
S@8UDAD@S
DIU@SI6UDPI6G
6TT@H7G@9ÃPIÃXXÃ (Ã ((&
I‚‡r)ÃÅQÅÃvÃh††r€iy’Ãyvr
ƒ‚†v‡v‚Ãvqvph‡r†ÃÅGrhqA…rrÅ
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅ8Å
GPBP
UCDTÃDTÃ6IÃDSG" "G
GPUÃ8P9@Ã &'(
@Y6HQG@)
GDI@Ã8
96U@Ã8P9@
X@@FÃ (
`@6SÃ&Ã2Ã ((&
Q6SUÃIVH7@S
Q6SUÃIVH7@S
GPBP
GPUÃ8P9@
6TT@H7G`
DIU@SI6UDPI6G
S@8UDAD@S
QSP9V8UÃPQUDPI6G
QÃ2Ã9@TDBI6U@TÃG@69AS@@
6Ã2Ã6TT@H7G`ÃTDU@Ã8P9@
X@@FÃ (
`@6SÃ&Ã2Ã ((&
96U@Ã8P9@
OR
Notes:
1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/datasheets/data/auirf2804.pdf
2. For the most current drawing please refer to IR website at http://www.irf.com/package/


Número de pieza similar - IRF2804PBF_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF2804PBF IRF-IRF2804PBF_15 Datasheet
414Kb / 12P
   Advanced Process Technology
More results

Descripción similar - IRF2804PBF_10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com