Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQAF34N25 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FQAF34N25
Descripción Electrónicos  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQAF34N25 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQAF34N25 Datasheet HTML 1Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 2Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 3Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 4Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 5Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 6Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 7Page - Fairchild Semiconductor FQAF34N25 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. A, October 2001
©2001 Fairchild Semiconductor Corporation
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
V
GS
10V
Q
g
Q
gs
Q
gd
3mA
V
GS
DUT
V
DS
300nF
50KΩ
200nF
12V
Same Type
as DUT
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
V
GS
V
DS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
V
DS
R
L
DUT
R
G
V
GS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BV
DSS
VDD
V
DS
BV
DSS
t
p
V
DD
I
AS
V
DS (t)
ID (t)
Time
10V
DUT
RG
L
L
I D
I D
t
p
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Número de pieza similar - FQAF34N25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
FQAF34N25 ISC-FQAF34N25 Datasheet
421Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - FQAF34N25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com