Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-316J-000E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-316J-000E
Descripción Electrónicos  2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-316J-000E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-316J-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-316J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
Desat Condition
Pin 6
UVLO
Detected on
(FAULT)
VIN+
VIN-
(VCC2 - VE)
Pin 14
Output
VOUT
X
X
Active
X
X
Low
X
X
X
Yes
Low
Low
Low
X
X
X
X
Low
X
High
X
X
X
Low
High
Low
Not Active
No
High
High
Typical Fault Protected IGBT Gate Drive Circuit
The HCPL-316J is an easy-to-use, intelligent gate driver
which makes IGBT VCE fault protection compact, afford-
able, and easy-to-implement. Features such as user con-
figurable inputs, integrated VCE detection, under volt-
Figure 1. Typical desaturation protected gate drive circuit, noninverting.
Output Control
The outputs (VOUT and FAULT) of the HCPL-316J are con-
trolled by the combination of VIN, UVLO and a detected
IGBT Desat condition. As indicated in the below table, the
HCPL-316J can be configured as inverting or non-invert-
ing using the VIN+ or VIN- inputs respectively. When an in-
verting configuration is desired, VIN+ must be held high
and VIN- toggled. When a non-inverting configuration is
desired, VIN- must be held low and VIN+ toggled. Once
UVLO is not active (VCC2 - VE > VUVLO), VOUT is allowed to
go high, and the DESAT (pin 14) detection feature of the
HCPL-316J will be the primary source of IGBT protection.
UVLO is needed to ensure DESAT is functional. Once VU-
VLO+ > 11.6 V, DESAT will remain functional until VUVLO- <
12.4 V. Thus, the DESAT detection and UVLO features of
the HCPL-316J work in conjunction to ensure constant
IGBT protection.
* THESE COMPONENTS ARE ONLY REQUIRED WHEN NEGATIVE GATE DRIVE IS IMPLEMENTED.
Description of Operation during Fault Condition
1. DESAT terminal monitors the IGBTVCE voltage through
DDESAT.
2. When the voltage on the DESAT terminal exceeds
7 volts, the IGBT gate voltage (VOUT) is slowly
lowered.
3. FAULT output goes low, notifying the microcontroller
of the fault condition.
4. Microcontroller takes appropriate action.
+
+
*
*
*
CBLANK
DDESAT
RPULL-DOWN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VE
VLED2+
DESAT
VCC2
VC
VOUT
VEE
VEE
VIN+
VIN-
VCC1
GND1
RESET
FAULT
VLED1+
VLED1-
HCPL-316J
+
μC
RF
VF
+–
RG
VCE
VCE
+
+
100
Ω
age lockout (UVLO), “soft” IGBT turn-off and isolated fault
feedback provide maximum design flexibility and circuit
protection.


Número de pieza similar - HCPL-316J-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
More results

Descripción similar - HCPL-316J-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
   2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
   2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Agilent(Hewlett-Packard...
HCPL316J HP-HCPL316J Datasheet
504Kb / 33P
   2.0 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
   Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
ACPL-331J AVAGO-ACPL-331J Datasheet
607Kb / 23P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com