Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-7560 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-7560
Descripción Electrónicos  Optically Isolated Sigma-Delta (誇-?) Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7560 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7560 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7560 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Electrical Specifications (DC)
Unless otherwise noted, all specifications are at VIN+ = 0 V and VIN- = 0 V, all Typical specifications are at TA = 25°C
and VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply over the following ranges: TA = -40°C to
+85°C, VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
Electrical Specifications (Tested with HCPL-0872 or Sinc3 Filter)
Unless otherwise noted, all specifications are at VIN+ = -200 mV to +200 mV and VIN- = 0 V; all Typical
specifications are at TA = 25°C and VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply
over the following ranges: TA = -40°C to +85°C, VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
Parameter
Symbol
Min.
Typ.
Max. Units
Conditions
Fig. Note
Average Input Bias Current
IIN
-0.8
µA
1
3
Average Input Resistance
RIN
450
k W
3
Input DC Common-Mode Rejection
Ratio
CMRRIN
60
dB
4
Output Logic High Voltage
VOH
3.9
4.9
V
IOUT = -100 µA
Output Logic Low Voltage
VOL
0.1
0.6
V
IOUT = 1.6 mA
Output Short Circuit Current
|IOSC|
30
mA
VOUT = VDD2
or GND2
5
Input Supply Current
IDD1
10
20
mA
VIN+ = -350 mV
to +350 mV
2
Output Supply Current
IDD2
10
20
mA
3
Output Clock Frequency
fCLK
7.5
10
15
MHz
4
Data Hold Time
tHDDAT
15
ns
6
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
STATIC CHARACTERISTICS
Resolution
15
bits
7
Integral Nonlinearity
INL
64
256
LSB
5
8
0.2
0.8
%
6
8
Differential Nonlinearity
DNL
1
LSB
9
Uncalibrated Input Offset
VOS
-6
0
6
mV
VIN+ = 0 V
7
Offset Drift vs. Temperature
dVOS/dTA
2
35
µV/°C
VIN+ = 0 V
7
10
Offset drift vs. VDD1
dVOS/dVDD1
0.12
mV/V
VIN+ = 0 V
7
Internal Reference Voltage
VREF
320
mV
8
Absolute Reference Voltage
Tolerance
-5
5
%
8
VREF Drift vs. Temperature
dVREF/dTA
150
ppm/°C.
8
VREF Drift vs. VDD1
dVREF/dVDD1
0.2
%
8
Full Scale Input Range
-VREF
+VREF
mV
11
Recommended Input Voltage
Range
-200
+200
mV


Número de pieza similar - HCPL-7560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-060 HP-HCPL-7560-060 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-060E HP-HCPL-7560-060E Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-300 HP-HCPL-7560-300 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
HCPL-7560-300E HP-HCPL-7560-300E Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
More results

Descripción similar - HCPL-7560

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com