Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6569AD013TR Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L6569AD013TR
Descripción Electrónicos  HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6569AD013TR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6569AD013TR Datasheet HTML 4Page - STMicroelectronics L6569AD013TR Datasheet HTML 5Page - STMicroelectronics L6569AD013TR Datasheet HTML 6Page - STMicroelectronics L6569AD013TR Datasheet HTML 7Page - STMicroelectronics L6569AD013TR Datasheet HTML 8Page - STMicroelectronics L6569AD013TR Datasheet HTML 9Page - STMicroelectronics L6569AD013TR Datasheet HTML 10Page - STMicroelectronics L6569AD013TR Datasheet HTML 11Page - STMicroelectronics L6569AD013TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
L6569 L6569A
8/13
Figure 4. Typical Dead Time vs. Temperature
Dependency
Figure 5. Typical Frequency vs Temperature
Dependency
Figure 6. Typical and Theoretical Oscillator
Frequency vs Resistor Value
Figure 7. Vboot pin SOA for different Operating
Frequency @ Tj = 125°C
Figure 8. Vboot pin SOA @ Tj = 125°C
Figure 9. Typical Rise and Fall Times vs. Load
Capacitance
-50
0
50
100
150
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Temperature [C]
Dead time [
µsec]
D96IN378A
-50
-25
0
25
50
75
100
125
55
56
57
58
59
60
61
62
63
64
65
Temperature [C]
Frequency [KHz]
D96IN379A
5
6
7
8 9 1015
2030
40
50
20
30
50
60
70
80
90
100
150
Resistor Value (Kohm)
f (KHz)
Theoretical
C=1nF
C=560pF
C=330pF
D96IN380
20
50
100
200
500
1,000
2,000
5,000 10,000
10
20
30
50
100
200
300
500
Time (ns), from LVG Transition High
VBOOT
(V)
20KHz
50KHz
150KHz
110KHz
70KHz
D96IN381
20
50
100
200
500
1,000
2,000
5,000 10,000
10
20
30
50
100
200
300
500
Time (ns), from LVG Transition High
VBOOT
(V)
ACTUAL OPERTATING
FREQUENCY
VHV+VS
D96IN416
td
tf
VS
VBOOT
For both high and low side buffers @25˚C Tamb
0
1
2
34
56
0
50
100
150
200
250
300
C [nF]
time [nsec]
Tr
Tf
D96IN417


Número de pieza similar - L6569AD013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6569AD STMICROELECTRONICS-L6569AD Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
More results

Descripción similar - L6569AD013TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
June 2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
L6571BD013TR STMICROELECTRONICS-L6571BD013TR Datasheet
234Kb / 12P
   High voltage half bridge driver with oscillator
January 2010 Rev 6
L6571A_0009 STMICROELECTRONICS-L6571A_0009 Datasheet
132Kb / 8P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
L6569 STMICROELECTRONICS-L6569 Datasheet
110Kb / 13P
   HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
logo
ON Semiconductor
NCP1392B ONSEMI-NCP1392B_12 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
May, 2012 ??Rev. 3
NCP1392B ONSEMI-NCP1392B_09 Datasheet
203Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuiltc Oscillator
May, 2012 ??Rev. 3
NCP1392 ONSEMI-NCP1392 Datasheet
162Kb / 21P
   High-Voltage Half-Bridge Driver with Inbuilt Oscillator
March, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com