Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74FR16245 Datasheet(PDF) 4 Page - Rochester Electronics |
|
74FR16245 Datasheet(HTML) 4 Page - Rochester Electronics |
4 / 5 page 74FR16245 Specification Number 74FR16245-CI(F) Rev A Page 4 of 5 3 www.fairchildsemi.com Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs. DC Electrical Characteristics Storage Temperature −65°C to +150°C Ambient Temperature under Bias −55°C to +125°C Junction Temperature under Bias −55°C to +150°C VCC Pin Potential to Ground Pin −0.5V to +7.0V Input Voltage (Note 2) −0.5V to +7.0V Input Current (Note 2) −30 mA to +5.0 mA Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output −0.5V to VCC 3-STATE Output −0.5V to +5.5V Current Applied to Output in LOW State (Max) Twice the Rated IOL (mA) ESD Last Passing Voltage (Min) 4000V Free Air Ambient Temperature 0°C to +70°C Supply Voltage +4.5V to +5.5V Symbol Parameter Min Typ Max Units VCC Conditions VIH Input HIGH Voltage 2.0 V Recognized as a HIGH Signal VIL Input LOW Voltage 0.8 V Recognized as a LOW Signal VCD Input Clamp −1.2 V Min IIN = −18 mA Diode Voltage VOH Output HIGH 2.4 2.8 IOH = − 3 mA Voltage 2.0 2.44 V Min IOH = − 15 mA (An, Bn) VOL Output LOW 0.45 0.55 V Min IOL = 64 mA Voltage (An, Bn) IIH Input HIGH Current 5.0 µA Max VIN = 2.7V IBVI Input HIGH Current 7.0 µA Max VIN = 7.0V Break-Down Test (OEn, T/Rn) IBVIT Input HIGH Current 0.1 mA Max VIN = 5.5V Breakdown Test (I/O) (An, Bn) IIL Input LOW −150 µA Max VIN = 0.5V (T/Rn, An, Bn) Current −100 µA Max VIN = 0.5V (OEn) IOS Output Short-Circuit −100 −225 mA Max VOUT = 0V Current (An, Bn) IIH + Output Leakage 0 25 µA Max VOUT = 2.7V IOZH Current (An, Bn) IIL + Output Leakage −20 −150 µA Max VOUT = 0.5V IOZL Current (An, Bn) ICEX Output HIGH Leakage 50 µA Max VOUT = VCC Current (An, Bn) VID Input Leakage 4.75 V 0.0 IID = 1.9 µA Test All Other Pins Grounded IOD Output Circuit 3.75 µA 0.0 VIOD = 150 mV Leakage Current All Other Pins Grounded IZZ Bus Drainage 100 µA 0.0 VOUT = 5.25V Test (An, Bn) ICCH Power Supply Current 70 105 mA Max VO = HIGH ICCL Power Supply Current 127 165 mA Max VO = LOW ICCZ Power Supply Current 71 105 mA Max VO = HIGH Z CIN Input Capacitance 8.0 pF 5.0 OE, T/R 17.0 pF 5.0 An, Bn |
Número de pieza similar - 74FR16245 |
|
Descripción similar - 74FR16245 |