Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR16245 Datasheet(PDF) 2 Page - Rochester Electronics

No. de pieza 74FR16245
Descripción Electrónicos  16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROCHESTER [Rochester Electronics]
Página de inicio  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

74FR16245 Datasheet(HTML) 2 Page - Rochester Electronics

  74FR16245 Datasheet HTML 1Page - Rochester Electronics 74FR16245 Datasheet HTML 2Page - Rochester Electronics 74FR16245 Datasheet HTML 3Page - Rochester Electronics 74FR16245 Datasheet HTML 4Page - Rochester Electronics 74FR16245 Datasheet HTML 5Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
74FR16245
Specification Number 74FR16245-CI(F) Rev A
Page 2 of 5
Rochester Part Number
OCM Part Number
Package
Temperature
74FR16245QC
74FR16245QC
LDCC-44
0° to +70°C
74FR16245QCX
74FR16245QCX
LDCC-44
0° to +70°C
74FR16245SSC
74FR16245SSC
SSOP-48
0° to +70°C
74FR16245SSCX
74FR16245SSCX
SSOP-48
0° to +70°C
Rochester Ordering Guide


Número de pieza similar - 74FR16245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
National Semiconductor ...
74FR16245Q NSC-74FR16245Q Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
74FR16245QC FAIRCHILD-74FR16245QC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74FR16245SSC FAIRCHILD-74FR16245SSC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results

Descripción similar - 74FR16245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com