Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR16245QC Datasheet(PDF) 4 Page - Rochester Electronics

No. de pieza 74FR16245QC
Descripción Electrónicos  16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROCHESTER [Rochester Electronics]
Página de inicio  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

74FR16245QC Datasheet(HTML) 4 Page - Rochester Electronics

  74FR16245QC Datasheet HTML 1Page - Rochester Electronics 74FR16245QC Datasheet HTML 2Page - Rochester Electronics 74FR16245QC Datasheet HTML 3Page - Rochester Electronics 74FR16245QC Datasheet HTML 4Page - Rochester Electronics 74FR16245QC Datasheet HTML 5Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
74FR16245
Specification Number 74FR16245-CI(F) Rev A
Page 4 of 5
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 2)
−0.5V to +7.0V
Input Current (Note 2)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to VCC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
Twice the Rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a LOW Signal
VCD
Input Clamp
−1.2
V
Min
IIN = −18 mA
Diode Voltage
VOH
Output HIGH
2.4
2.8
IOH = − 3 mA
Voltage
2.0
2.44
V
Min
IOH = − 15 mA
(An, Bn)
VOL
Output LOW
0.45
0.55
V
Min
IOL = 64 mA
Voltage
(An, Bn)
IIH
Input HIGH Current
5.0
µA
Max
VIN = 2.7V
IBVI
Input HIGH Current
7.0
µA
Max
VIN = 7.0V
Break-Down Test
(OEn, T/Rn)
IBVIT
Input HIGH Current
0.1
mA
Max
VIN = 5.5V
Breakdown Test (I/O)
(An, Bn)
IIL
Input LOW
−150
µA
Max
VIN = 0.5V (T/Rn, An, Bn)
Current
−100
µA
Max
VIN = 0.5V (OEn)
IOS
Output Short-Circuit
−100
−225
mA
Max
VOUT = 0V
Current
(An, Bn)
IIH +
Output Leakage
0
25
µA
Max
VOUT = 2.7V
IOZH
Current
(An, Bn)
IIL +
Output Leakage
−20
−150
µA
Max
VOUT = 0.5V
IOZL
Current
(An, Bn)
ICEX
Output HIGH Leakage
50
µA
Max
VOUT = VCC
Current
(An, Bn)
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Circuit
3.75
µA
0.0
VIOD = 150 mV
Leakage Current
All Other Pins Grounded
IZZ
Bus Drainage
100
µA
0.0
VOUT = 5.25V
Test
(An, Bn)
ICCH
Power Supply Current
70
105
mA
Max
VO = HIGH
ICCL
Power Supply Current
127
165
mA
Max
VO = LOW
ICCZ
Power Supply Current
71
105
mA
Max
VO = HIGH Z
CIN
Input Capacitance
8.0
pF
5.0
OE, T/R
17.0
pF
5.0
An, Bn


Número de pieza similar - 74FR16245QC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16245QC FAIRCHILD-74FR16245QC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results

Descripción similar - 74FR16245QC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com