Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74FR16245QC Datasheet(PDF) 5 Page - Rochester Electronics

No. de pieza 74FR16245QC
Descripción Electrónicos  16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROCHESTER [Rochester Electronics]
Página de inicio  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

74FR16245QC Datasheet(HTML) 5 Page - Rochester Electronics

  74FR16245QC Datasheet HTML 1Page - Rochester Electronics 74FR16245QC Datasheet HTML 2Page - Rochester Electronics 74FR16245QC Datasheet HTML 3Page - Rochester Electronics 74FR16245QC Datasheet HTML 4Page - Rochester Electronics 74FR16245QC Datasheet HTML 5Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
74FR16245
Specification Number 74FR16245-CI(F) Rev A
Page 5 of 5
www.fairchildsemi.com
4
AC Electrical Characteristics
Extended AC Characteristics
Note 3: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW (tOSHL) LOW-to-HIGH (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH (tOST). Specifications guaran-
teed with all outputs switching in phase.
Note 4: This specification is guaranteed but not tested The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 5: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Unit
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.3
2.7
4.3
1.3
4.3
ns
tPHL
An to Bn or Bn to An
1.3
2.2
4.3
1.3
4.3
tPZH
Output Enable Time
3.9
6.9
13.9
3.9
13.9
ns
tPZL
3.9
9.7
13.9
3.9
13.9
tPHZ
Output Disable Time
1.8
3.9
6.3
1.8
6.3
ns
tPLZ
1.8
4.4
6.3
1.8
6.3
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Unit
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
16 Outputs Switching
(Note 4)
(Note 5)
Min
Max
Min
Max
tPLH
Propagation Delay
1.3
5.8
3.2
8.2
ns
tPHL
An to Bn or Bn to An
1.3
5.8
3.2
8.2
tPZH
Output Enable Time
3.9
14.6
ns
tPZL
3.9
14.6
tPHZ
Output Disable Time
1.8
6.3
ns
tPLZ
1.8
6.3
tOSHL
Pin-to-Pin Skew
1.2
ns
(Note 3)
for HL Transitions
tOSLH
Pin-to-Pin Skew
2.2
ns
(Note 3)
for LH Transitions
tOST
Pin-to-Pin Skew
2.5
ns
(Note 3)
for HL/LH Transitions
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.


Número de pieza similar - 74FR16245QC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16245QC FAIRCHILD-74FR16245QC Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
More results

Descripción similar - 74FR16245QC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com