Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LD8251A Datasheet(PDF) 1 Page - Rochester Electronics

No. de pieza LD8251A
Descripción Electrónicos  PROGRAMMABLE COMMUNICATION INTERFACE 28-Pin DIP Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROCHESTER [Rochester Electronics]
Página de inicio  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

LD8251A Datasheet(HTML) 1 Page - Rochester Electronics

  LD8251A Datasheet HTML 1Page - Rochester Electronics LD8251A Datasheet HTML 2Page - Rochester Electronics LD8251A Datasheet HTML 3Page - Rochester Electronics LD8251A Datasheet HTML 4Page - Rochester Electronics LD8251A Datasheet HTML 5Page - Rochester Electronics LD8251A Datasheet HTML 6Page - Rochester Electronics LD8251A Datasheet HTML 7Page - Rochester Electronics LD8251A Datasheet HTML 8Page - Rochester Electronics LD8251A Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
8251A
© 2012 Rochester Electronics, LLC. All Rights Reserved 12192012
Specification Number 8251A-CI (I) REV A
Page 1 of 11
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
* For complete Rochester ordering guide, please refer to page 2 *
The 8251A is the industry standard Universal Synchronous/Asynchronous Receiver/T
ransmitter (USART)
designed for data communications with microprocessor families such as MCS-48, 80,
85, and iAPX 86, 88.
The 8251A is used as a peripheral device and is programmed by the CPU to operate using
virtually any serial
data transmission technique presently in use (including IBM “bi-sync”). The USART accepts
data characters
from the CPU in parallel format and then converts them into a continuous serial data stream
for transmission.
Simultaneously, it can receive serial data streams and convert them into parallel data characters
for the CPU.
The USART will signal the CPU whenever it can accept a new character for transmission
or whenever it has
received a character for the CPU. The CPU can read the complete status of the USAR
T at any time. These
include data transmission errors and control signals such as SYNDET, TxEMPTY. The chip
is fabricated using
Intel’s high performance HMOS technology.


Número de pieza similar - LD8251A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Leadtrend Technology
LD8200S LEADTREND-LD8200S Datasheet
563Kb / 12P
   USB Type-C Current Advertisement Controller
LD8200SGL LEADTREND-LD8200SGL Datasheet
563Kb / 12P
   USB Type-C Current Advertisement Controller
More results

Descripción similar - LD8251A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TMP82C51A TOSHIBA-TMP82C51A Datasheet
736Kb / 36P
   PROGRAMMABLE COMMUNICATION INTERFACE
logo
National Semiconductor ...
INS8251 NSC-INS8251 Datasheet
258Kb / 8P
   PROGRAMMABLE COMMUNICATION INTERFACE
logo
InnovASIC, Inc
IA8251 INNOVASIC-IA8251 Datasheet
45Kb / 4P
   Programmable Communication Interface
logo
Intel Corporation
8251A INTEL-8251A Datasheet
785Kb / 25P
   PROGRAMMABLE COMMUNICATION INTERFACE
logo
ACCUTEK MICROCIRCUIT CO...
AK28D300-SOIC ACCUTEK-AK28D300-SOIC_13 Datasheet
1Mb / 5P
   28 Pin DIP Adapters
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
logo
List of Unclassifed Man...
COM2661 ETC1-COM2661 Datasheet
1Mb / 12P
   Enhanced Programmable Communication Interface EPCI
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
   28 Pin SSOP socket/28 Pin DIP 0.6??plug
PA28-28 ETC2-PA28-28 Datasheet
30Kb / 1P
   28 pin PLCC socket/28 pin DIP 0.6??plug
PA28-28-DP ETC2-PA28-28-DP Datasheet
32Kb / 1P
   28 pin DIP ZIF socket/28 pin PLCC plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com