Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR3110ZPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRLR3110ZPBF
Descripción Electrónicos  Advanced Process Technology, Ultra Low On-Resistance, 175C Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLR3110ZPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLR3110ZPBF_09 Datasheet HTML 1Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 2Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 3Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 4Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 5Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 6Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 7Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 8Page - International Rectifier IRLR3110ZPBF_09 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U3110ZPbF
2
www.irf.com
S
D
G
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.077
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11
14
m
–––
12
16
VGS(th)
Gate Threshold Voltage
1.0
–––
2.5
V
gfs
Forward Transconductance
52
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
34
48
Qgs
Gate-to-Source Charge
–––
10
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
15
–––
td(on)
Turn-On Delay Time
–––
24
–––
tr
Rise Time
–––
110
–––
td(off)
Turn-Off Delay Time
–––
33
–––
ns
tf
Fall Time
–––
48
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
3980
–––
Coss
Output Capacitance
–––
310
–––
Crss
Reverse Transfer Capacitance
–––
130
–––
pF
Coss
Output Capacitance
–––
1820
–––
Coss
Output Capacitance
–––
170
–––
Coss eff.
Effective Output Capacitance
–––
320
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
63
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
250
(Body Diode)
Ù
VSD
Diode Forward Voltage–––
–––
1.3
V
trr
Reverse Recovery Time
–––
3451ns
Qrr
Reverse Recovery Charge
–––
42
63
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 4.5V, ID = 32A
e
VGS = 16V
VGS = -16V
VDS = 50V
VDS = 25V, ID = 38A
ID = 38A
Conditions
VGS = 4.5V
e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 80V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 80V
f
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 38A, VGS = 0V e
TJ = 25°C, IF = 38A, VDD = 50V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 38A
e
VDS = VGS, ID = 100µA
VDS = 100V, VGS = 0V
VDS = 100V, VGS = 0V, TJ = 125°C
VGS = 4.5V
e
VDD = 50V
ID = 38A
RG = 3.7


Número de pieza similar - IRLR3110ZPBF_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLR3110ZPBF IRF-IRLR3110ZPBF_15 Datasheet
322Kb / 11P
   Advanced Process Technology
More results

Descripción similar - IRLR3110ZPBF_09

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com