Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5541LRZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5541LRZ-REEL7
Descripción Electrónicos  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5541LRZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5541LRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 9Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 10Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 11Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 12Page - Analog Devices AD5541LRZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD5541/AD5542
Rev. F | Page 9 of 20
2µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
DIN (5V/DIV)
VOUT (50mV/DIV)
100
10
Figure 18. Digital Feedthrough
1.236
1.234
1.232
1.230
1.228
1.226
1.224
–0.5
0
0.5
1.0
1.5
2.0
5
0
–5
–10
–15
–20
–25
–30
TIME (µs)
VOUT
CS
Figure 19. Digital-to-Analog Glitch Impulse
2µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
200pF
10pF
50pF
100pF
100
10
CS (5V/DIV)
VOUT (0.5V/DIV)
Figure 20. Large Signal Settling Time
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
• • • •
0.5µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
100
90
10
0%
VOUT (1V/DIV)
VOUT (50mV/DIV)
GAIN = –216
1LSB = 8.2mV
Figure 21. Small Signal Settling Time


Número de pieza similar - AD5541LRZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5541LR AD-AD5541LR Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
More results

Descripción similar - AD5541LRZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5542LRZ AD-AD5542LRZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542 AD-AD5542_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5542ARZ AD-AD5542ARZ Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5541 AD-AD5541_15 Datasheet
382Kb / 20P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev. F
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
AD5542ABCPZ-REEL7 AD-AD5542ABCPZ-REEL7 Datasheet
436Kb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
REV. A
AD5541A AD-AD5541A Datasheet
1Mb / 24P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
Rev. PrA
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com