Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7846BP Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD7846BP
Descripción Electrónicos  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7846BP Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7846BP Datasheet HTML 3Page - Analog Devices AD7846BP Datasheet HTML 4Page - Analog Devices AD7846BP Datasheet HTML 5Page - Analog Devices AD7846BP Datasheet HTML 6Page - Analog Devices AD7846BP Datasheet HTML 7Page - Analog Devices AD7846BP Datasheet HTML 8Page - Analog Devices AD7846BP Datasheet HTML 9Page - Analog Devices AD7846BP Datasheet HTML 10Page - Analog Devices AD7846BP Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD7846
Rev. G | Page 7 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD7846
DB11
DB12
DB13
DB14
DB15
DB2
DB1
DB0
VDD
VCC
VSS
VOUT
VREF+
VREF–
RIN
DB10
DB9
DB8
DB7
DB6
DGND
DB3
DB4
DB5
LDAC
R/W
CS
CLR
Figure 7. PDIP Pin Configuration
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3
2
1
28 27 26
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13 14 15 16 17 18
LDAC
CLR
CS
R/W
DGND
DB6
VOUT
VREF+
VREF–
RIN
VSS
DB15
DB14
AD7846
VCC
Figure 8. CERDIP Pin Configuration
Table 5. Pin Function Descriptions
Pin
Mnemonic
Description
1 to 3
DB2 to DB0
Data I/Os. DB0 is LSB.
4
VDD
Positive Supply for Analog Circuitry. This is +15 V nominal.
5
VOUT
DAC Output Voltage.
6
RIN
Input to Summing Resistor of DAC Output Amplifier. This is used to select output voltage ranges. See Table 6.
7
VREF+
VREF+ Input. The DAC is specified for VREF+ = +5 V.
8
VREF−
VREF− Input. For unipolar operation connect VREF− to 0 V, and for bipolar operation connect it to −5 V. The device is
specified for both conditions.
9
VSS
Negative Supply for the Analog Circuitry. This is −15 V nominal.
10 to 19
DB15 to DB6
Data I/Os. DB15 is MSB.
20
DGND
Ground for Digital Circuitry.
21
VCC
Positive Supply for Digital Circuitry. This is +5 V nominal.
22
R/W
R/W Input. This pin can be used to load data to the DAC or to read back the DAC latch contents.
23
CS
Chip Select Input. This pin selects the device.
24
CLR
Clear Input. The DAC can be cleared to 000…000 or 100…000. See Table 7.
25
LDAC
Asynchronous Load Input to DAC.
26 to 28
DB5 to DB3
Data I/Os.
Table 6. Output Voltage Ranges
Output Range
VREF+
VREF−
RIN
0 V to +5 V
+5 V
0 V
VOUT
0 V to +10 V
+5 V
0 V
0 V
+5 V to −5 V
+5 V
−5 V
VOUT
+5 V to −5 V
+5 V
0 V
+5 V
+10 V to −10 V
+5 V
−5 V
0 V


Número de pieza similar - AD7846BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846BP AD-AD7846BP Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
More results

Descripción similar - AD7846BP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com