Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7887BRZ-REEL72 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7887BRZ-REEL72
Descripción Electrónicos  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7887BRZ-REEL72 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7887BRZ-REEL72 Datasheet HTML 7Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 8Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 9Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 10Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 11Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 12Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 13Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 14Page - Analog Devices AD7887BRZ-REEL72 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD7887
Rev. D | Page 11 of 24
THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7887 is a fast, low power, 12-bit, single-supply, single-
channel/dual-channel ADC. The part can be operated from a
3 V (2.7 V to 3.6 V) supply or from a 5 V (4.75 V to 5.25 V) supply.
When operated from either a 5 V or 3 V supply, the AD7887 is
capable of throughput rates of 125 kSPS when provided with a
2 MHz clock.
The AD7887 provides the user with an on-chip, track/hold
analog-to-digital converter reference and a serial interface
housed in an 8-lead package. The serial clock input accesses data
from the part and provides the clock source for the successive
approximation ADC. The part can be configured for single-
channel or dual-channel operation. When configured as a
single-channel part, the analog input range is 0 to VREF (where the
externally applied VREF can be between 1.2 V and VDD). When
the AD7887 is configured for two input channels, the input
range is determined by internal connections to be 0 to VDD.
If single-channel operation is required, the AD7887 can be
operated in a read-only mode by tying the DIN line permanently
to GND. For applications where the user wants to change the
mode of operation or wants to operate the AD7887 as a dual-
channel ADC, the DIN line can be used to clock data into the
part’s control register.
CONVERTER OPERATION
The AD7887 is a successive approximation ADC built around a
charge-redistribution DAC. Figure 8 and Figure 9 show simplified
schematics of the ADC. Figure 8 shows the ADC during its
acquisition phase. SW2 is closed and SW1 is in Position A, the
comparator is held in a balanced condition, and the sampling
capacitor acquires the signal on AIN.
(REF IN/REF OUT)/2
SAMPLING
CAPACITOR
COMPARATOR
ACQUISITION
PHASE
SW1
A
SW2
AGND
B
AIN
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 8. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 9), SW2 opens
and SW1 moves to Position B, causing the comparator to become
unbalanced. The control logic and the charge-redistribution DAC
are used to add and subtract fixed amounts of charge from the
sampling capacitor to bring the comparator back into a balanced
condition. When the comparator is rebalanced, the conversion
is complete. The control logic generates the ADC output code.
Figure 10 shows the ADC transfer function.
(REF IN/REF OUT)/2
SAMPLING
CAPACITOR
COMPARATOR
CONVERSION
PHASE
SW1
A
SW2
AGND
B
VIN
CHARGE
REDISTRIBUTION
DAC
CONTROL
LOGIC
Figure 9. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding of the AD7887 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSB, and so on). The LSB size is VREF/4096. The
ideal transfer characteristic for the AD7887 is shown in Figure
10.
0V
ANALOG INPUT
111 ... 000
011 ... 111
0.5LSB
+VREF – 1.5LSB
1LSB = VREF/4096
111 ... 111
111 ... 110
000 ... 010
000 ... 001
000 ... 000
Figure 10. Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 11 shows a typical connection diagram for the AD7887.
The GND pin is connected to the analog ground plane of the
system. The part is in dual-channel mode so VREF is internally
connected to a well-decoupled VDD pin to provide an analog
input range of 0 V to VDD. The conversion result is output in a
16-bit word with four leading zeros followed by the MSB of the
12-bit result. For applications where power consumption is of
concern, the automatic power-down at the end of conversion
should be used to improve power performance. See the Modes
of Operation section.
DOUT
DIN
SCLK
CS
AIN1
AIN2
GND
0.1µF
10µF
SUPPLY 2.7V
TO 5.25V
SERIAL
INTERFACE
VDD
AD7887
0V TO VDD
INPUT
µC/µP
Figure 11. Typical Connection Diagram


Número de pieza similar - AD7887BRZ-REEL72

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7887BRZ-REEL7 AD-AD7887BRZ-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Descripción similar - AD7887BRZ-REEL72

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com