Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8332ACPZ-RL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8332ACPZ-RL
Descripción Electrónicos  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8332ACPZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8332ACPZ-RL Datasheet HTML 2Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 3Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 4Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 5Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 6Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 7Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 8Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 9Page - Analog Devices AD8332ACPZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 6 of 56
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit1
ENABLE INTERFACE
(PIN ENB, PIN ENBL, PIN ENBV)
Logic Level to Enable Power
2.25
5
V
Logic Level to Disable Power
0
1.0
V
Input Resistance
Pin ENB
25
Pin ENBL
40
Pin ENBV
70
Power-Up Response Time
VINH = 30 mV p-p
300
μs
VINH = 150 mV p-p
4
ms
HILO GAIN RANGE INTERFACE (PIN HILO)
Logic Level to Select HI Gain Range
2.25
5
V
Logic Level to Select LO Gain Range
0
1.0
V
Input Resistance
50
OUTPUT CLAMP INTERFACE (PIN RCLMP; HI OR
LO GAIN)
Accuracy
HILO = LO
RCLMP = 2.74 kΩ, VOUT = 1 V p-p (clamped)
±50
mV
HILO = HI
RCLMP = 2.21 kΩ, VOUT = 1 V p-p (clamped)
±75
mV
MODE INTERFACE (PIN MODE)
Logic Level for Positive Gain Slope
0
1.0
V
Logic Level for Negative Gain Slope
2.25
5
V
Input Resistance
200
POWER SUPPLY (PIN VPS1, PIN VPS2,
PIN VPSV, PIN VPSL, PIN VPOS)
Supply Voltage
4.5
5.0
5.5
V
Quiescent Current per Channel
AD8331
20
25
mA
AD8332
22
27.5
32
mA
AD8334
24
29.5
34
Power Dissipation per Channel
No signal
AD8331
125
mW
AD8332, AD8334
138
mW
Power-Down Current
VGA and LNA disabled
AD8331
50
240
400
μA
AD8332
50
300
600
μA
AD8334
50
600
1200
μA
LNA Current
AD8331 (ENBL)
Each channel
7.5
11
15
mA
AD8332, AD8334 (ENBL)
Each channel
7.5
12
15
mA
VGA Current
AD8331 (ENBV)
7.5
14
20
mA
AD8332, AD8334 (ENBV)
7.5
17
20
mA
PSRR
VGAIN = 0 V, f = 100 kHz
−68
dB
1 All dBm values are referred to 50 Ω.
2 The absolute gain refers to the theoretical gain expression in Equation 1.
3 Best-fit to linear-in-dB curve.
4 The current is limited to ±1 mA typical.


Número de pieza similar - AD8332ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8332ACPZ-RL AD-AD8332ACPZ-RL Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
More results

Descripción similar - AD8332ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com