Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD548KNZ Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD548KNZ
Descripción Electrónicos  Precision, Low Power BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD548KNZ Datasheet(HTML) 3 Page - Analog Devices

  AD548KNZ Datasheet HTML 1Page - Analog Devices AD548KNZ Datasheet HTML 2Page - Analog Devices AD548KNZ Datasheet HTML 3Page - Analog Devices AD548KNZ Datasheet HTML 4Page - Analog Devices AD548KNZ Datasheet HTML 5Page - Analog Devices AD548KNZ Datasheet HTML 6Page - Analog Devices AD548KNZ Datasheet HTML 7Page - Analog Devices AD548KNZ Datasheet HTML 8Page - Analog Devices AD548KNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD548
REV. D
–3–
AD548J
AD548K/B
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
170
200
170
200
µA
TEMPERATURE RANGE
Operating, Rated Performance
Commercial (0
°C to 70°C)
AD548J
AD548K
Industrial (–40
°C to +85°C)
AD548A
AD548B
Military (–55
°C to +125°C)
AD548S
PACKAGE OPTIONS
SOIC (R-8)
AD548JR
AD548KR
4
Plastic (N-8)
AD548JN
4
AD548KN
Tape and Reel
AD548JR-REEL
AD548KR-REEL
4
NOTES
1Input Offset Voltage specifications are guaranteed after five minutes of operation at T
A = 25
°C.
2Bias Current specifications are guaranteed maximum at either input after five minutes of operation at T
A = 25
°C. For higher temperature, the current doubles every 10°C.
3Defined as voltages between inputs, such that neither exceeds
±10 V from ground.
4Not recommended for new designs; obsolete April 2002.
Specifications subject to change without notice.
SPECIFICATIONS (continued)


Número de pieza similar - AD548KNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD548KN AD-AD548KN Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
More results

Descripción similar - AD548KNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD548SH AD-AD548SH Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548 Datasheet
198Kb / 8P
   Precision, Low Power BiFET Op Amp
REV. B
AD548 AD-AD548_02 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD548 AD-AD548_15 Datasheet
221Kb / 12P
   Precision, Low Power BiFET Op Amp
REV. D
AD648 AD-AD648 Datasheet
335Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. C
AD648 AD-AD648_15 Datasheet
209Kb / 12P
   Dual Precision, Low Power BiFET Op Amp
REV. E
AD642 AD-AD642 Datasheet
395Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD642 AD-AD642_15 Datasheet
399Kb / 6P
   Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com