Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5204BRZ100 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza AD5204BRZ100
Descripción Electrónicos  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5204BRZ100 Datasheet(HTML) 5 Page - Analog Devices

  AD5204BRZ100 Datasheet HTML 1Page - Analog Devices AD5204BRZ100 Datasheet HTML 2Page - Analog Devices AD5204BRZ100 Datasheet HTML 3Page - Analog Devices AD5204BRZ100 Datasheet HTML 4Page - Analog Devices AD5204BRZ100 Datasheet HTML 5Page - Analog Devices AD5204BRZ100 Datasheet HTML 6Page - Analog Devices AD5204BRZ100 Datasheet HTML 7Page - Analog Devices AD5204BRZ100 Datasheet HTML 8Page - Analog Devices AD5204BRZ100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD5204/AD5206
Rev. C | Page 5 of 20
TIMING DIAGRAMS
SDI
CLK
VOUT
CS
1
0
1
0
1
0
VDD
0V
A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
RDAC LATCH LOAD
Figure 3. Timing Diagram
SDI
(DATA IN)
SDO
(DATA OUT)
1
0
1
0
1
0
1
0
VDD
0V
CLK
CS
VOUT
Ax OR Dx
Ax OR Dx
Ax OR Dx
Ax OR Dx
tCSS
tDH
tPD_MAX
tCSH0
±1 LSB ERROR BAND
±1 LSB
tCSH1
tCH
tCSW
tS
tCL
tDS
tCS1
Figure 4. Detailed Timing Diagram
±1 LSB
±1 LSB ERROR BAND
1
0
VDD
0V
VOUT
tRS
tS
PR
Figure 5. AD5204 Preset Timing Diagram


Número de pieza similar - AD5204BRZ100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5204BRZ10 AD-AD5204BRZ10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BRZ10-REEL AD-AD5204BRZ10-REEL Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results

Descripción similar - AD5204BRZ100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com