Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7304BRZ-REEL1 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD7304BRZ-REEL1
Descripción Electrónicos  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7304BRZ-REEL1 Datasheet(HTML) 4 Page - Analog Devices

  AD7304BRZ-REEL1 Datasheet HTML 1Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 2Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 3Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 4Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 5Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 6Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7304BRZ-REEL1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD7304/AD7305
Rev. C | Page 4 of 20
VOUT = 10V p-p
+5V
0V
–5V
+5V
0V
–5V
(IN)
VREF = 10V p-p
f = 20kHz
(OUT)
Figure 3. Rail-to-Rail Reference Input to Output at 20 kHz
TIMING SPECIFICATIONS
@ VDD = 3 V or 5 V, VSS = 0 V; or VDD = +5 V and VSS = –5 V, VSS ≤ VREF ≤ VDD, –40°C < TA < +85°C/+125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
3 V ± 10%
5 V ± 10%
±5 V ± 10%
Unit
INTERFACE TIMING SPECIFICATIONS1, 2
AD7304 Only
Clock Width High
tCH
70
55
55
ns min
Clock Width Low
tCL
70
55
55
ns min
Data Setup
tDS
50
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Load Pulse Width
tLDW
70
60
60
ns min
Load Setup
tLD1
40
30
30
ns min
Load Hold
tLD2
40
30
30
ns min
Clear Pulse Width
tCLWR
60
60
60
ns min
Select
tCSS
30
20
20
ns min
Deselect
tCSH
60
40
40
ns min
AD7305 Only
Data Setup
tDS
60
40
40
ns min
Data Hold
tDH
30
20
20
ns min
Address Setup
tAS
60
40
40
ns min
Address Hold
tAH
30
20
20
ns min
Write Width
tWR
60
50
50
ns min
Load Pulse Width
tLDW
60
50
50
ns min
Load Setup
tLS
60
40
40
ns min
Load Hold
tLH
30
20
20
ns min
1 These parameters are guaranteed by design and not subject to production testing.
2 All input control signals are specified with tR = tF = 2 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.


Número de pieza similar - AD7304BRZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7304BRZ-REEL1 AD-AD7304BRZ-REEL1 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

Descripción similar - AD7304BRZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com