Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AC04DRG4 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza SN74AC04DRG4
Descripción Electrónicos  The ?쁀C04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AC04DRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AC04DRG4 Datasheet HTML 3Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 4Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 5Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 6Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 7Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 8Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 9Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 10Page - Texas Instruments SN74AC04DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 3
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Multiple Top-Side Markings will be inside parentheses. Only one Top-Side Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a
continuation of the previous line and the two combined represent the entire Top-Side Marking for that device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF SN54AC04, SN74AC04 :
Catalog: SN74AC04
Automotive: SN74AC04-Q1, SN74AC04-Q1
Enhanced Product: SN74AC04-EP, SN74AC04-EP
Military: SN54AC04
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product
Automotive - Q100 devices qualified for high-reliability automotive applications targeting zero defects
Enhanced Product - Supports Defense, Aerospace and Medical Applications
Military - QML certified for Military and Defense Applications


Número de pieza similar - SN74AC04DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AC04DRG4 TI1-SN74AC04DRG4 Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
More results

Descripción similar - SN74AC04DRG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN5404 TI-SN5404 Datasheet
241Kb / 7P
[Old version datasheet]   These devices contain six independent inverters
SN74AHCT1G04DCKR TI-SN74AHCT1G04DCKR Datasheet
867Kb / 13P
[Old version datasheet]   The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
logo
New Jersey Semi-Conduct...
1N4158A NJSEMI-1N4158A Datasheet
202Kb / 1P
   THE DEVICES SHOWN HAVE A STANDARD TOLERANCE
logo
STMicroelectronics
AN3262 STMICROELECTRONICS-AN3262 Datasheet
1Mb / 27P
   Using the over-the-air bootloader with STM32W108 devices
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
logo
Unisonic Technologies
U74LVC2G02 UTC-U74LVC2G02 Datasheet
165Kb / 5P
   The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
logo
STMicroelectronics
STM32L4 STMICROELECTRONICS-STM32L4 Datasheet
652Kb / 33P
   This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
Revision 2.0
logo
Kingbright Corporation
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
   The Super Bright Red source color devices
TA40-11EWA KINGBRIGHT-TA40-11EWA Datasheet
231Kb / 6P
   The High Efficiency Red Source color Devices
logo
STMicroelectronics
AN2353 STMICROELECTRONICS-AN2353 Datasheet
180Kb / 18P
   Designing an application with the ST10F27x devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com