Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7404DN-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI7404DN-T1-E3
Descripción Electrónicos  N-Channel 30 V (D-S) Fast Switching MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7404DN-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SI7404DN-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7404DN-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 71658
S11-2045-Rev. G, 17-Oct-11
www.vishay.com
3
Vishay Siliconix
Si7404DN
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
35
40
ID - Drain Current (A)
VGS = 4.5 V
VGS = 2.5 V
VGS = 10 V
0
2
4
6
8
10
0
10203040
50
VDS = 15 V
ID = 13.3 A
Qg - Total Gate Charge (nC)
VSD - Source-to-Drain Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
50
10
1
TJ = 150 °C
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
500
1000
1500
2000
2500
3000
0
5
10
15
20
25
30
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 13.3 A
TJ - Junction Temperature (°C)
VGS - Gate-to-Source Voltage (V)
ID = 5 A
0.00
0.01
0.02
0.03
0.04
0.05
0
2468
10
ID = 13.3 A


Número de pieza similar - SI7404DN-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7404DN-T1 VISHAY-SI7404DN-T1 Datasheet
559Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 17-Oct-11
More results

Descripción similar - SI7404DN-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
SI7114DN VISHAY-SI7114DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 17-Mar-08
SI7446BDP VISHAY-SI7446BDP Datasheet
112Kb / 6P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. E, 14-Sep-09
SI7326DN-T1-E3 VISHAY-SI7326DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7440DP VISHAY-SI7440DP Datasheet
41Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. B, 18-Aug-03
SI7326DN VISHAY-SI7326DN Datasheet
534Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 29-Dec-08
SI7804DN VISHAY-SI7804DN_V01 Datasheet
562Kb / 12P
   N-Channel 30-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7112DN VISHAY-SI7112DN_V01 Datasheet
549Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840BDP-T1-E3 VISHAY-SI7840BDP-T1-E3 Datasheet
150Kb / 8P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 16-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com