Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCM6100XEVM Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza CDCM6100XEVM
Descripción Electrónicos  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6100XEVM Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCM6100XEVM Datasheet HTML 5Page - Texas Instruments CDCM6100XEVM Datasheet HTML 6Page - Texas Instruments CDCM6100XEVM Datasheet HTML 7Page - Texas Instruments CDCM6100XEVM Datasheet HTML 8Page - Texas Instruments CDCM6100XEVM Datasheet HTML 9Page - Texas Instruments CDCM6100XEVM Datasheet HTML 10Page - Texas Instruments CDCM6100XEVM Datasheet HTML 11Page - Texas Instruments CDCM6100XEVM Datasheet HTML 12Page - Texas Instruments CDCM6100XEVM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Charge
Pump
224 A
m
Phase
Frequency
Detector
21.875 MHz
to 28 .47 MHz
XO
LVCMOS
Loop Filter
400 kHz
¸
15
¸
20
¸
24
¸
25
Feedback
Divider
¸
1
¸
2
¸
3
¸
4
¸
6
¸
8
Output
Divider
¸
5
¸
4
¸
3
Prescaler
Divider
DIV_MUX
VCO
1.75 GHz
to 2.05 GHz
PR1
XIN
CE
GND1
RSTN
OUTP
OUTN
OSC_OUT
OD2 OD1 OD0
OS1 OS0
PR0
REG_CAP1
REG_CAP2
1
LVCMOS
LVPECL
LVDS
LVCMOS
LVCMOS
CDCM61001
V
CC_IN
V
CC_PLL1
V
CC_PLL2
V
CC_VDD
V
CC_VCO
V
CC_OUT
CDCM61001
www.ti.com
SCAS869F
– FEBRUARY 2009 – REVISED JUNE 2011
FUNCTIONAL BLOCK DIAGRAM
Copyright
© 2009–2011, Texas Instruments Incorporated
9


Número de pieza similar - CDCM6100XEVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR TI-CDCM61001RHBR Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001RHBR TI-CDCM61001RHBR Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Descripción similar - CDCM6100XEVM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com