Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3482IRKDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC3482IRKDR
Descripción Electrónicos  Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3482IRKDR Datasheet(HTML) 1 Page - Texas Instruments

  DAC3482IRKDR Datasheet HTML 1Page - Texas Instruments DAC3482IRKDR Datasheet HTML 2Page - Texas Instruments DAC3482IRKDR Datasheet HTML 3Page - Texas Instruments DAC3482IRKDR Datasheet HTML 4Page - Texas Instruments DAC3482IRKDR Datasheet HTML 5Page - Texas Instruments DAC3482IRKDR Datasheet HTML 6Page - Texas Instruments DAC3482IRKDR Datasheet HTML 7Page - Texas Instruments DAC3482IRKDR Datasheet HTML 8Page - Texas Instruments DAC3482IRKDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
DAC3482
www.ti.com
SLAS748D – MARCH 2011 – REVISED AUGUST 2012
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
Check for Samples: DAC3482
1
FEATURES
DESCRIPTION
The DAC3482 is a very low power, high dynamic
Very Low Power: 900 mW at 1.25 GSPS, Full
range, dual-channel, 16-bit digital-to-analog converter
Operating Conditions
(DAC) with a sample rate as high as 1.25 GSPS.
Multi-DAC Synchronization
The device includes features that simplify the design
Selectable 2x, 4x, 8x, 16x Interpolation Filter
of complex transmit architectures: 2x to 16x digital
Stop-Band Attenuation > 90 dBc
interpolation filters with over 90 dB of stop-band
attenuation
simplify
the
data
interface
and
Flexible On-Chip Complex Mixing
reconstruction filters. A complex mixer allows flexible
Fine Mixer with 32-bit NCO
carrier placement. A high-performance low jitter clock
Power Saving Coarse Mixer: ± n×Fs/8
multiplier simplifies clocking of the device without
High Performance, Low Jitter Clock
significant impact on the dynamic range. The digital
Quadrature Modulator Correction (QMC) enables
Multiplying PLL
complete IQ compensation for gain, offset, phase,
Digital I and Q Correction
and group delay between channels in direct up-
Gain, Phase, Offset, and Group Delay
conversion applications.
Correction
Digital data is input to the device through a flexible
Digital Inverse Sinc Filter
LVDS data bus with on-chip termination. Data can be
Flexible LVDS Input Data Bus
input either word-wide or byte-wide. The device
includes a FIFO, data pattern checker and parity test
Word- or Byte-Wide Interface
to ease the input interface. The interface also allows
8 Sample Input FIFO
full synchronization of multiple devices.
Data Pattern Checker
The device is characterized for operation over the
Parity Check
entire industrial temperature range of –40°C to 85°C
Temperature Sensor
and is available in a very-small 88-pin 9x9mm WQFN
package.
Differential Scalable Output: 10mA to 30mA
Multiple Package Options: 88-pin 9x9mm
The DAC3482 very low power, small size, superior
WQFN and 196-ball 12mmx12mm BGA
crosstalk, high dynamic range and features are an
ideal fit for today’s communication systems.
(GREEN / Pb-Free)
APPLICATIONS
Cellular Base Stations
Diversity Transmit
Wideband Communications
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - DAC3482IRKDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482IRKDR TI1-DAC3482IRKDR Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results

Descripción similar - DAC3482IRKDR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI1-DAC3482 Datasheet
1Mb / 79P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC3482 TI1-DAC3482_14 Datasheet
1Mb / 92P
[Old version datasheet]   Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3482 TI-DAC3482_15 Datasheet
2Mb / 106P
[Old version datasheet]   DAC3482, Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com