Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4050UBDT Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza CD4050UBDT
Descripción Electrónicos  CMOS to DTL/TTL Hex Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

CD4050UBDT Datasheet(HTML) 2 Page - Texas Instruments

  CD4050UBDT Datasheet HTML 1Page - Texas Instruments CD4050UBDT Datasheet HTML 2Page - Texas Instruments CD4050UBDT Datasheet HTML 3Page - Texas Instruments CD4050UBDT Datasheet HTML 4Page - Texas Instruments CD4050UBDT Datasheet HTML 5Page - Texas Instruments CD4050UBDT Datasheet HTML 6Page - Texas Instruments CD4050UBDT Datasheet HTML 7Page - Texas Instruments CD4050UBDT Datasheet HTML 8Page - Texas Instruments CD4050UBDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
Functional Block Diagrams
CD4049UB
CD4050B
32
AG = A
54
BH = B
76
CI = C
910
DJ = D
11
12
EK = E
14
15
FL = F
1
8
VCC
VSS
NC = 13
NC = 16
32
A
G = A
54
B
H = B
76
C
I = C
910
D
J = D
11
12
E
K = E
14
15
F
L = F
1
8
VCC
VSS
NC = 13
NC = 16
Schematic Diagrams
FIGURE 1A. SCHEMATIC DIAGRAM OF CD4049UB, 1 OF 6
IDENTICAL UNITS
FIGURE 1B. SCHEMATIC DIAGRAM OF CD4050B, 1 OF 6
IDENTICAL UNITS
VCC
OUT
VSS
P
N
R
IN
P
N
R
IN
VCC
OUT
VSS
P
N
CD4049UB, CD4050B


Número de pieza similar - CD4050UBDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4050UBDT TI-CD4050UBDT Datasheet
77Kb / 18P
[Old version datasheet]   CMOS HEX BUFFERS/CONVERTERS
CD4050UBDT TI1-CD4050UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4050UBDT TI-CD4050UBDT Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4050UBDT TI1-CD4050UBDT Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results

Descripción similar - CD4050UBDT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
MC14504B ONSEMI-MC14504B_14 Datasheet
121Kb / 7P
   Hex Level Shifter for TTL to CMOS
July, 2014 ??Rev. 9
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
   Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
logo
Texas Instruments
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
[Old version datasheet]   Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
   Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B-EP TI-CD4504B-EP Datasheet
589Kb / 13P
[Old version datasheet]   CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
[Old version datasheet]   CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
[Old version datasheet]   CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com