Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MRF141 Datasheet(Hoja de datos) 3 Page - Motorola, Inc

No. de Pieza. MRF141
Descripción  N-CHANNEL BROADBAND RF POWER MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

   
 3 page
background image
3
MRF141
MOTOROLA RF DEVICE DATA
Figure 2. DC Safe Operating Area
Figure 3. Gate–Source Voltage versus
Case Temperature
Figure 4. Common Source Unity Gain Frequency
versus Drain Current
Figure 5. Capacitance versus
Drain–Source Voltage
Figure 6. Power Gain versus Frequency
Figure 7. Output Power versus Input Power
TYPICAL CHARACTERISTICS
30
25
20
15
10
5
2
0
10
100
200
0
12
345
200
0
0
5
10
15
20
25
VDS, DRAIN–SOURCE VOLTAGE (VOLTS)
f, FREQUENCY (MHz)
Pin, INPUT POWER (WATTS)
200
20
2000
1000
0
020
ID, DRAIN CURRENT (AMPS)
100
10
1
1
100
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
10
VDD = 28 V
IDQ = 250 mA
Pout = 150 W
VDS = 20 V
10 V
0
5
10
15
20
25
f = 175 MHz
VDD = 28 V
IDQ = 250 mA
f = 30 MHz
VDD = 28 V
IDQ = 250 mA
26
8
12
16
18
14
410
– 25
100
TC, CASE TEMPERATURE (°C)
25
50
75
0
300
100
200
0
300
100
200
Coss
Ciss
Crss
TC = 25°C
1.04
1.03
1.02
1.01
1
0.99
0.98
0.97
0.96
0.95
0.94
0.93
0.92
0.91
0.9
ID = 5 A
0.25 A
0.5 A
2 A
4 A
1 A




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MRF173N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF173CQN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF151N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
UGF2702525W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRF151GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl