Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

W06 Datasheet(PDF) 2 Page - First Components International

No. de pieza W06
Descripción Electrónicos  1.5 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

W06 Datasheet(HTML) 2 Page - First Components International

  W06 Datasheet HTML 1Page - First Components International W06 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES W005 THRU W10
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.5
1.0
0.5
0.2
1.2
0.1
1.0
10
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
AMBIENT TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
5
10
15
20
25
30
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
1
100
1.0
4.0
10
100
10
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=100
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
Data Sheet
1.5 Amp
SINGLE PHASE SILICON BRIDGE


Número de pieza similar - W06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Surge Components
W06 SURGE-W06 Datasheet
107Kb / 2P
   Single Phase 1.5 AMPS. Silicon Bridge Rectifiers?
logo
Daya Electric Group Co....
W06 DAYA-W06 Datasheet
94Kb / 2P
   1.5Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Suntan Capacitors
W06 SUNTAN-W06 Datasheet
328Kb / 2P
   Ideal for printed circuit board
logo
Semtech Corporation
W06 SEMTECH-W06 Datasheet
127Kb / 2P
   1.5A SINGLE - PHASE SILICON BRIDGE????
logo
CHENG-YI ELECTRONIC CO....
W06 CHENG-YI-W06 Datasheet
118Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
More results

Descripción similar - W06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
2W005 FCI-2W005_1 Datasheet
67Kb / 1P
   2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU400 FCI-KBU400_1 Datasheet
65Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU600 FCI-KBU600_1 Datasheet
75Kb / 1P
   6.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU800 FCI-KBU800_1 Datasheet
77Kb / 1P
   8.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
W005G FCI-W005G Datasheet
125Kb / 2P
   1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
Formosa MS
W005M FORMOSA-W005M Datasheet
29Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
RB151 FORMOSA-RB151 Datasheet
29Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Bytes
RB151 BYTES-RB151 Datasheet
145Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
RB151 DGNJDZ-RB151 Datasheet
82Kb / 2P
   SINGLE PHASE 1.5 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com