Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX84-C3V0.215 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BZX84-C3V0.215
Descripción Electrónicos  Voltage regulator diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZX84-C3V0.215 Datasheet(HTML) 4 Page - NXP Semiconductors

  BZX84-C3V0.215 Datasheet HTML 1Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 2Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 3Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 4Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 5Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 6Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 7Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 8Page - NXP Semiconductors BZX84-C3V0.215 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2003 Apr 10
4
NXP Semiconductors
Product data sheet
Voltage regulator diodes
BZX84 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1.
Device mounted on an FR4 printed circuit-board.
ELECTRICAL CHARACTERISTICS
Total BZX84-A and B and C series
Tj = 25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
IF
continuous forward current
200
mA
IZSM
non-repetitive peak reverse current
tp = 100 μs; square wave;
Tj = 25 °C prior to surge
see Tables
1 and 2
Ptot
total power dissipation
Tamb = 25 °C; note 1
250
mW
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 μs; square wave;
Tj = 25 °C prior to surge; see Fig.2
40
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 10 mA; see Fig.3
0.9
V
IR
reverse current
BZX84-A/B/C2V4
VR = 1 V
50
μA
BZX84-A/B/C2V7
VR = 1 V
20
μA
BZX84-A/B/C3V0
VR = 1 V
10
μA
BZX84-A/B/C3V3
VR = 1 V
5
μA
BZX84-A/B/C3V6
VR = 1 V
5
μA
BZX84-A/B/C3V9
VR = 1 V
3
μA
BZX84-A/B/C4V3
VR = 1 V
3
μA
BZX84-A/B/C4V7
VR = 2 V
3
μA
BZX84-A/B/C5V1
VR = 2 V
2
μA
BZX84-A/B/C5V6
VR = 2 V
1
μA
BZX84-A/B/C6V2
VR = 4 V
3
μA
BZX84-A/B/C6V8
VR = 4 V
2
μA
BZX84-A/B/C7V5
VR = 5 V
1
μA
BZX84-A/B/C8V2
VR = 5 V
700
nA
BZX84-A/B/C9V1
VR = 6 V
500
nA
BZX84-A/B/C10
VR = 7 V
200
nA
BZX84-A/B/C11
VR = 8 V
100
nA
BZX84-A/B/C12
VR = 8 V
100
nA
BZX84-A/B/C13
VR = 8 V
100
nA
BZX84-A/B/C15 to 75
VR = 0.7VZnom
50
nA


Número de pieza similar - BZX84-C3V0.215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX84-C3V0 PHILIPS-BZX84-C3V0 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
BZX84-C3V0 NXP-BZX84-C3V0 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-C3V0 NXP-BZX84-C3V0 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-C3V0 PHILIPS-BZX84-C3V0 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-C3V0 PHILIPS-BZX84-C3V0 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
More results

Descripción similar - BZX84-C3V0.215

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com