Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLR9343TRPBF Datasheet(PDF) 10 Page - International Rectifier

No. de pieza IRLR9343TRPBF
Descripción Electrónicos  key parameters optimlzed for class-d audio amplifier applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLR9343TRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLR9343TRPBF Datasheet HTML 3Page - International Rectifier IRLR9343TRPBF Datasheet HTML 4Page - International Rectifier IRLR9343TRPBF Datasheet HTML 5Page - International Rectifier IRLR9343TRPBF Datasheet HTML 6Page - International Rectifier IRLR9343TRPBF Datasheet HTML 7Page - International Rectifier IRLR9343TRPBF Datasheet HTML 8Page - International Rectifier IRLR9343TRPBF Datasheet HTML 9Page - International Rectifier IRLR9343TRPBF Datasheet HTML 10Page - International Rectifier IRLR9343TRPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRLR/U9343PbF & IRLU9343-701PbF
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.12/04
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, L = 1.24mH,
RG = 25Ω, IAS = -14A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ This only applies for I-Pak, LS of D-Pak is
measured between lead and center of die contact
… Rθ is measured at TJ of approximately 90°C.
Notes:
† Contact factory for mounting information
‡ Limited by Tjmax. See Figs. 14, 15, 17a, 17b for repetitive avalanche information
ˆ When D-Pak mounted on 1" square PCB (FR-4 or G-10 Material) .
For recommended footprint and soldering techniques refer to
application note #AN-994
‰ Refer to D-Pak package for Part Marking, Tape and Reel information.
I-Pak Leadform Option 701 Package Outline ‰
Dimensions are shown in millimeters (inches)


Número de pieza similar - IRLR9343TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
IRLR9343TRPBF VBSEMI-IRLR9343TRPBF Datasheet
1Mb / 8P
   P-Channel 60 V (D-S) MOSFET
More results

Descripción similar - IRLR9343TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFS4020PBF IRF-IRFS4020PBF_15 Datasheet
337Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com