Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC58NVG1S3ETAI0 Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TC58NVG1S3ETAI0
Descripción Electrónicos  NAND Flash Memory(SLC Middle Capacity)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58NVG1S3ETAI0 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC58NVG1S3ETAI0 Datasheet HTML 1Page - Toshiba Semiconductor TC58NVG1S3ETAI0 Datasheet HTML 2Page - Toshiba Semiconductor TC58NVG1S3ETAI0 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
24
2048
+128
× 8
128K
+8K
× 8
2.7
to
3.6
0
to
70
x8
TSOP I 48-P-1220-
0.50
TC58NVG0S3HTA00 25
25
300
3.5
-40
to
85
TC58NVG0S3HTAI0 25
25
300
3.5
P-TFBGA63-0911-
0.80CZ
TC58NVG0S3HBAI4 25
25
300
3.5
P-VFBGA67-0608-
0.80-001
TC58NVG0S3HBAI6 25
25
300
3.5
1.70
to
1.95
P-TFBGA63-0911-
0.80CZ
TC58NYG0S3HBAI4 25
25
300
3.5
P-VFBGA67-0608-
0.80-001
TC58NYG0S3HBAI6 25
25
300
3.5
2G
43
2048
+64
× 8
128K
+4K
× 8
2.7
to
3.6
0
to
70
x8
TSOP I 48-P-1220-
0.50
TC58NVG1S3ETA00 25
25
300
2.5
-40
to
85
TC58NVG1S3ETAI0 25
25
300
2.5
P-TFBGA63-0911-
0.80CZ
TC58NVG1S3EBAI4 25
25
300
2.5
1.70
to
1.95
TC58NYG1S3EBAI4 25
25
300
2.5
24
2048
+128
× 8
128K
+8K
× 8
2.7
to
3.6
0
to
70
x8
TSOP I 48-P-1220-
0.50
TC58NVG1S3HTA00 25
25
300
3.5
-40
to
85
TC58NVG1S3HTAI0 25
25
300
3.5
P-VFBGA67-0608-
0.80-001
TC58NVG1S3HBAI6 25
25
300
3.5
1.70
to
1.95
TC58NYG1S3HBAI6 25
25
300
3.5
4G
43
2048
+64
× 8
128K
+4K
× 8
2.7
to
3.6
0
to
70
x8
TSOP I 48-P-1220-
0.50
TC58NVG2S3ETA00 25
30
300
2.5
-40
to
85
TC58NVG2S3ETAI0 25
30
300
2.5
P-TFBGA63-1013-
0.80AZ
TC58NVG2S3EBAI5 25
30
300
2.5
1.70
to
1.95
TC58NYG2S3EBAI5 25
30
300
2.5
2.7
to
0
to
70
TSOP I 48-P-1220-
0.50
TC58NVG2S0FTA00 25
30
300
3


Número de pieza similar - TC58NVG1S3ETAI0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58NVG1S3ETA00 TOSHIBA-TC58NVG1S3ETA00 Datasheet
497Kb / 65P
   2 GBIT (256M x 8 BIT) CMOS NAND E2PROM
More results

Descripción similar - TC58NVG1S3ETAI0

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S34ML01G1 SPANSION-S34ML01G1 Datasheet
2Mb / 73P
   Spansion짰 SLC NAND Flash Memory for Embedded
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Eon Silicon Solution In...
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
logo
OKI electronic componet...
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
   NAND Flash Memory Controller
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
   1G-bit NAND Flash Memory
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com