Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18532NQ5B Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18532NQ5B
Descripción Electrónicos  60-V, N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD18532NQ5B Datasheet(HTML) 1 Page - Texas Instruments

  CSD18532NQ5B Datasheet HTML 1Page - Texas Instruments CSD18532NQ5B Datasheet HTML 2Page - Texas Instruments CSD18532NQ5B Datasheet HTML 3Page - Texas Instruments CSD18532NQ5B Datasheet HTML 4Page - Texas Instruments CSD18532NQ5B Datasheet HTML 5Page - Texas Instruments CSD18532NQ5B Datasheet HTML 6Page - Texas Instruments CSD18532NQ5B Datasheet HTML 7Page - Texas Instruments CSD18532NQ5B Datasheet HTML 8Page - Texas Instruments CSD18532NQ5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
0
2
4
6
8
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C Id = 25A
TC = 125ºC Id = 25A
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
Qg - Gate Charge (nC)
ID = 25A
VDS = 30V
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
CSD18532NQ5B
www.ti.com
SLPS440 – JUNE 2013
60-V, N-Channel NexFET™ Power MOSFETs
Check for Samples: CSD18532NQ5B
1
FEATURES
PRODUCT SUMMARY
2
Ultra Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low Thermal Resistance
VDS
Drain to Source Voltage
60
V
Avalanche Rated
Qg
Gate Charge Total (10V)
49
nC
Qgd
Gate Charge Gate to Drain
7.9
nC
Pb Free Terminal Plating
VGS = 6V
3.5
m
RoHS Compliant
RDS(on)
Drain to Source On Resistance
VGS = 10V
2.7
m
Halogen Free
VGS(th)
Threshold Voltage
2.8
V
SON 5-mm × 6-mm Plastic Package
ORDERING INFORMATION
APPLICATIONS
Device
Package
Media
Qty
Ship
DC-DC Conversion
SON 5-mm × 6-mm
13-Inch
Tape and
CSD18532NQ5B
2500
Plastic Package
Reel
Reel
Secondary Side Synchronous Rectifier
Isolated Converter Primary Side Switch
ABSOLUTE MAXIMUM RATINGS
Motor Control
TA = 25°C
VALUE
UNIT
VDS
Drain to Source Voltage
60
V
DESCRIPTION
VGS
Gate to Source Voltage
±20
V
The NexFET™ power MOSFET has been designed
Continuous Drain Current (Package limited),
100
to minimize losses in power conversion applications.
TC = 25°C
ID
Continuous Drain Current (Silicon limited),
A
163
Top View
TC = 25°C
Continuous Drain Current, TA = 25°C
(1)
22
IDM
Pulsed Drain Current, TA = 25°C
(2)
135
A
PD
Power Dissipation(1)
3.2
W
TJ,
Operating Junction and Storage
–55 to 150
°C
TSTG
Temperature Range
Avalanche Energy, single pulse
EAS
360
mJ
ID = 85A, L = 0.1mH, RG = 25Ω
(1) Typical RθJA = 40°C/W on a 1-inch
2 , 2-oz. Cu pad on a 0.06-
inch thick FR4 PCB.
(2) Pulse duration
≤300μs, duty cycle ≤2%
RDS(on) vs VGS
GATE CHARGE
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NexFET is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - CSD18532NQ5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18532NQ5B TI1-CSD18532NQ5B Datasheet
912Kb / 15P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD18532NQ5BT TI1-CSD18532NQ5BT Datasheet
912Kb / 15P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD18532NQ5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com