Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CSD18532NQ5B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CSD18532NQ5B
Descripción Electrónicos  60-V, N-Channel NexFET??Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CSD18532NQ5B Datasheet(HTML) 2 Page - Texas Instruments

  CSD18532NQ5B Datasheet HTML 1Page - Texas Instruments CSD18532NQ5B Datasheet HTML 2Page - Texas Instruments CSD18532NQ5B Datasheet HTML 3Page - Texas Instruments CSD18532NQ5B Datasheet HTML 4Page - Texas Instruments CSD18532NQ5B Datasheet HTML 5Page - Texas Instruments CSD18532NQ5B Datasheet HTML 6Page - Texas Instruments CSD18532NQ5B Datasheet HTML 7Page - Texas Instruments CSD18532NQ5B Datasheet HTML 8Page - Texas Instruments CSD18532NQ5B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CSD18532NQ5B
SLPS440 – JUNE 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250μA
60
V
IDSS
Drain to Source Leakage Current
VGS = 0V, VDS = 48V
1
μA
IGSS
Gate to Source Leakage Current
VDS = 0V, VGS = 20V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250μA
2.4
2.8
3.4
V
VGS = 6V, ID = 25A
3.5
4.4
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 25A
2.7
3.4
m
gfs
Transconductance
VDS = 30V, ID = 25A
140
S
Dynamic Characteristics
Ciss
Input Capacitance
4100
5340
pF
Coss
Output Capacitance
VGS = 0V, VDS = 30V, f = 1MHz
495
644
pF
Crss
Reverse Transfer Capacitance
16
21
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10V)
VDS = 30V, ID = 25A
49
64
nC
Qgd
Gate Charge Gate to Drain
7.9
nC
Qgs
Gate Charge Gate to Source
16
nC
Qg(th)
Gate Charge at Vth
11
nC
Qoss
Output Charge
VDS = 30V, VGS = 0V
69
nC
td(on)
Turn On Delay Time
8.2
ns
tr
Rise Time
8.7
ns
VDS = 30V, VGS = 10V,
IDS = 25A, RG = 0Ω
td(off)
Turn Off Delay Time
20
ns
tf
Fall Time
2.7
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 25A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
139
nC
VDS= 30V, IF = 25A,
di/dt = 300A/
μs
trr
Reverse Recovery Time
64
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
0.8
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD18532NQ5B


Número de pieza similar - CSD18532NQ5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18532NQ5B TI1-CSD18532NQ5B Datasheet
912Kb / 15P
[Old version datasheet]   N-Channel NexFET Power MOSFET
CSD18532NQ5BT TI1-CSD18532NQ5BT Datasheet
912Kb / 15P
[Old version datasheet]   N-Channel NexFET Power MOSFET
More results

Descripción similar - CSD18532NQ5B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI-CSD18537NQ5A Datasheet
1Mb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NKCS TI-CSD18537NKCS Datasheet
483Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532KCS TI-CSD18532KCS Datasheet
928Kb / 10P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532Q5B TI-CSD18532Q5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com