Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4060BM96 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4060BM96
Descripción Electrónicos  CMOS 14-STAGE Ripple-Carry Binary Counter/Divider and Oscillator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD4060BM96 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD4060BM96 Datasheet HTML 5Page - Texas Instruments CD4060BM96 Datasheet HTML 6Page - Texas Instruments CD4060BM96 Datasheet HTML 7Page - Texas Instruments CD4060BM96 Datasheet HTML 8Page - Texas Instruments CD4060BM96 Datasheet HTML 9Page - Texas Instruments CD4060BM96 Datasheet HTML 10Page - Texas Instruments CD4060BM96 Datasheet HTML 11Page - Texas Instruments CD4060BM96 Datasheet HTML 12Page - Texas Instruments CD4060BM96 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Número de pieza similar - CD4060BM96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4060BM96 TI1-CD4060BM96 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
CD4060BM96E4 TI1-CD4060BM96E4 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
CD4060BM96G4 TI1-CD4060BM96G4 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscilliator
More results

Descripción similar - CD4060BM96

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
CD4060BMS INTERSIL-CD4060BMS Datasheet
91Kb / 9P
   CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Renesas Technology Corp
CD4060BMS RENESAS-CD4060BMS Datasheet
405Kb / 9P
   CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator
December 1992
logo
Unisonic Technologies
UCD4060B UTC-UCD4060B Datasheet
241Kb / 9P
   CMOS 14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060 STMICROELECTRONICS-HCF4060_13 Datasheet
625Kb / 15P
   14-stage ripple carry binary counter/divider and oscillator
logo
NXP Semiconductors
HEF4060BP652 PHILIPS-HEF4060BP652 Datasheet
115Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
Nexperia B.V. All right...
HEF4060B NEXPERIA-HEF4060B Datasheet
255Kb / 14P
   14-stage ripple-carry binary counter/divider and oscillator
Rev. 10 - 8 November 2021
logo
Micro Electronics
MMC4060 MICRO-ELECTRONICS-MMC4060 Datasheet
164Kb / 4P
   14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
logo
NXP Semiconductors
HEF4060B PHILIPS-HEF4060B Datasheet
110Kb / 7P
   14-stage ripple-carry binary counter/divider and oscillator
January 1995
logo
System Logic Semiconduc...
SL4060B SLS-SL4060B Datasheet
39Kb / 5P
   14-Stage Ripple-Carry Binary Counter/Divider and Oscillator
logo
STMicroelectronics
HCF4060B STMICROELECTRONICS-HCF4060B Datasheet
230Kb / 10P
   14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com