Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MRF1507 Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MRF1507
Descripción Electrónicos  LATERAL NCHANNEL BROADBAND RF POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1507 Datasheet(HTML) 2 Page - Motorola, Inc

  MRF1507 Datasheet HTML 1Page - Motorola, Inc MRF1507 Datasheet HTML 2Page - Motorola, Inc MRF1507 Datasheet HTML 3Page - Motorola, Inc MRF1507 Datasheet HTML 4Page - Motorola, Inc MRF1507 Datasheet HTML 5Page - Motorola, Inc MRF1507 Datasheet HTML 6Page - Motorola, Inc MRF1507 Datasheet HTML 7Page - Motorola, Inc MRF1507 Datasheet HTML 8Page - Motorola, Inc MRF1507 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MRF1507 MRF1507T1
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Zero Gate Voltage Drain Current
(VDS = 25 Vdc, VGS = 0)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
1
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 µAdc)
VGS(th)
2.5
3.4
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
0.3
0.44
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 2 Adc)
gfs
1.30
1.80
S
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 7.5 Vdc, VGS = 0, f = 1 MHz)
Ciss
48
pF
Output Capacitance
(VDS = 7.5 Vdc, VGS = 0, f = 1 MHz)
Coss
40.5
pF
Reverse Transfer Capacitance
(VDS = 7.5 Vdc, VGS = 0, f = 1 MHz)
Crss
5.2
pF
FUNCTIONAL TESTS (In Motorola Test Fixture)
Common–Source Amplifier Power Gain
(VDD = 7.5 Vdc, Pin = 29 dBm, IDQ = 150 mA, f = 520 MHz)
Gps
10
11
dB
Drain Efficiency
(VDD = 7.5 Vdc, Pin = 29 dBm, IDQ = 150 mA, f = 520 MHz)
η
50
65
%
Pout
(VDD = 7.5 Vdc, Pin = 29 dBm, IDQ = 150 mA, f = 520 MHz)
Pout
8
9.9
W


Número de pieza similar - MRF1507

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
logo
Advanced Semiconductor
MRF150 ASI-MRF150 Datasheet
19Kb / 1P
   SILICON RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF150 MA-COM-MRF150 Datasheet
285Kb / 9P
   RF Power FET 150W, to 150MHz, 50V
More results

Descripción similar - MRF1507

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154_15 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET
MRF154 MA-COM-MRF154_17 Datasheet
735Kb / 10P
   Broadband RF Power MOSFET
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com