Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
R01DS0190EJ0100 Datasheet(PDF) 2 Page - Renesas Technology Corp |
|
R01DS0190EJ0100 Datasheet(HTML) 2 Page - Renesas Technology Corp |
2 / 110 page R01DS0190EJ0100 Rev.1.00 Page 2 of 107 Jun 19, 2013 RX111 Group 1. Overview 1. Overview 1.1 Outline of Specifications Table 1.1 lists the specifications, and Table 1.2 gives a comparison of the functions of the products in different packages. Table 1.1 is for products with the greatest number of functions, so the number of peripheral modules and channels will differ in accordance with the package type. For details, see Table 1.2, Comparison of Functions for Different Packages. Table 1.1 Outline of Specifications (1/3) Classification Module/Function Description CPU CPU Maximum operating frequency: 32 MHz 32-bit RX CPU Minimum instruction execution time: One instruction per clock cycle Address space: 4-Gbyte linear Register set General purpose: Sixteen 32-bit registers Control: Eight 32-bit registers Accumulator: One 64-bit register Basic instructions: 73 DSP instructions: 9 Addressing modes: 10 Data arrangement Instructions: Little endian Data: Selectable as little endian or big endian On-chip 32-bit multiplier: 32-bit × 32-bit → 64-bit On-chip divider: 32-bit ÷ 32-bit → 32 bits Barrel shifter: 32 bits Memory ROM Capacity: 16 K /32 K /64 K /96 K /128 Kbytes 32 MHz, no-wait memory access Programming/erasing method: Serial programming (asynchronous serial communication/USB communication), self-programming RAM Capacity: 8 K /10 K /16 Kbytes 32 MHz, no-wait memory access E2 DataFlash Capacity: 8 Kbytes Number of erase/write cycles: 1,000,000 (typ) MCU operating mode Single-chip mode Clock Clock generation circuit Main clock oscillator, sub-clock oscillator, low-speed on-chip oscillator, high-speed on-chip oscillator, PLL frequency synthesizer, and IWDT-dedicated on-chip oscillator Oscillation stop detection: Available Clock frequency accuracy measurement circuit (CAC) Independent settings for the system clock (ICLK), peripheral module clock (PCLK), and FlashIF clock (FCLK) The CPU and system sections such as other bus masters run in synchronization with the system clock (ICLK): 32 MHz (at max.) Peripheral modules run in synchronization with the PCLK: 32 MHz (at max.) The flash peripheral circuit runs in synchronization with the FCLK: 32 MHz (at max.) The ICLK frequency can only be set to FCLK, PCLKB, or PCLKD multiplied by n (n: 1, 2, 4, 8, 16, 32, 64). Resets RES# pin reset, power-on reset, voltage monitoring reset, independent watchdog timer reset, and software reset Voltage detection Voltage detection circuit (LVDAa) When the voltage on VCC falls below the voltage detection level, an internal reset or internal interrupt is generated. Voltage detection circuit 1 is capable of selecting the detection voltage from 10 levels Voltage detection circuit 2 is capable of selecting the detection voltage from 4 levels Low power consumption Low power consumption functions Module stop function Three low power consumption modes Sleep mode, deep sleep mode, and software standby mode Function for lower operating power consumption Operating power control modes High-speed operating mode, middle-speed operating mode, and low-speed operating mode Interrupt Interrupt controller (ICUb) Interrupt vectors: 82 External interrupts: 9 (NMI, IRQ0 to IRQ7 pins) Non-maskable interrupts: 4 (NMI pin, voltage monitoring 1 interrupt, voltage monitoring 2 interrupt, and IWDT interrupt) 16 levels specifiable for the order of priority |
Número de pieza similar - R01DS0190EJ0100 |
|
Descripción similar - R01DS0190EJ0100 |