Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2482 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2482
Descripción Electrónicos  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2482 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2482 Datasheet HTML 7Page - Texas Instruments TPS2482 Datasheet HTML 8Page - Texas Instruments TPS2482 Datasheet HTML 9Page - Texas Instruments TPS2482 Datasheet HTML 10Page - Texas Instruments TPS2482 Datasheet HTML 11Page - Texas Instruments TPS2482 Datasheet HTML 12Page - Texas Instruments TPS2482 Datasheet HTML 13Page - Texas Instruments TPS2482 Datasheet HTML 14Page - Texas Instruments TPS2482 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
45
46
47
48
49
50
51
52
53
54
55
9
19
29
39
49
59
69
79
TJ = −405C
TJ = 255C
TJ = 1255C
VCC − Supply Voltage − V
0
200
400
600
800
1000
1200
9
14
19
24
29
34
39
44
49
TJ = −405C
TJ = 255C
TJ = 1255C
VCC − Supply Voltage − V
200
250
300
350
400
450
500
550
600
9
19
29
39
49
59
69
79
TJ = −405C
TJ = 255C
TJ = 1255C
VCC − Supply Voltage − V
TPS2482
TPS2483
www.ti.com
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
VREF: Provides a 4.0-V reference voltage for use in conjunction with the resistor divider of a typical application
circuit to set the voltage on the PROG pin. The reference voltage is available once the internal POR2 and UVLO
turn-on thresholds have been met. It is not designed as a general-purpose supply voltage for other external
circuitry, therefore ensure that no more than 1 mA is drawn from this output. Although not typically required,
capacitance up to 1000 pF may be placed on this pin.
TYPICAL CHARACTERISTICS
At TA = 25°C, VS = 3.3 V, VINP = 12 V, VSHUNT = (VINP – VINM) = 0 mV, unless otherwise noted.
VCC CURRENT
vs
VCC VOLTAGE
Figure 1.
CURRENT-LIMIT RESPONSE TIME
CURRENT-LIMIT THRESHOLD
vs
vs
VCC VOLTAGE
VCC VOLTAGE
(EN = 4 V, V(VCC – SENSE) = 200 mV)
Figure 2.
Figure 3.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS2482 TPS2483


Número de pieza similar - TPS2482

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2482 TI1-TPS2482 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482PW TI1-TPS2482PW Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482PWR TI1-TPS2482PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Descripción similar - TPS2482

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com