Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22924DYZPT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22924DYZPT
Descripción Electrónicos  ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW RON LOAD SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22924DYZPT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS22924DYZPT Datasheet HTML 5Page - Texas Instruments TPS22924DYZPT Datasheet HTML 6Page - Texas Instruments TPS22924DYZPT Datasheet HTML 7Page - Texas Instruments TPS22924DYZPT Datasheet HTML 8Page - Texas Instruments TPS22924DYZPT Datasheet HTML 9Page - Texas Instruments TPS22924DYZPT Datasheet HTML 10Page - Texas Instruments TPS22924DYZPT Datasheet HTML 11Page - Texas Instruments TPS22924DYZPT Datasheet HTML 12Page - Texas Instruments TPS22924DYZPT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
4000
5000
6000
7000
8000
9000
10000
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 0.9V
C019
C
L = 0.1µF, CIN = 1µF, RL = 10O
10
11
12
13
14
15
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 0.9V
C020
C
L = 0.1µF, CIN = 1µF, RL = 10O
4000
5000
6000
7000
8000
9000
10000
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 3.6V
C017
C
L = 0.1µF, CIN = 1µF, RL = 10O
1
1.4
1.8
2.2
2.6
3
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 3.6V
C018
C
L = 0.1µF, CIN = 1µF, RL = 10O
TPS22924D
www.ti.com
SLVSBT4 – MAY 2013
TYPICAL CHARACTERISTICS (continued)
RISE TIME
FALL TIME
vs
vs
TEMPERATURE
TEMPERATURE
VIN = 3.6 V, CL = 0.1 µF, RL = 10 Ω
VIN = 3.6 V, CL = 0.1 µF, RL = 10 Ω
TURN-ON TIME
TURN-OFF TIME
vs
vs
TEMPERATURE
TEMPERATURE
VIN = 0.9 V, CL = 0.1 µF, RL = 10 Ω
VIN = 0.9 V, CL = 0.1 µF, RL = 10 Ω
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS22924D


Número de pieza similar - TPS22924DYZPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22924DYZPT TI1-TPS22924DYZPT Datasheet
1Mb / 24P
[Old version datasheet]   On-Resistance Load Switch
More results

Descripción similar - TPS22924DYZPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
logo
Global Mixed-mode Techn...
G5178A GMT-G5178A Datasheet
74Kb / 1P
   Ultra Small, Low Input Voltage, Low RON, Load Switch
logo
Texas Instruments
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Texas Instruments
TPS22903 TI-TPS22903_10 Datasheet
727Kb / 16P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
TPS22903 TI-TPS22903 Datasheet
494Kb / 14P
[Old version datasheet]   ULTRA-SMALL LOW-INPUT-VOLTAGE LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236060B UTC-US2236060B Datasheet
186Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
US2236108DB UTC-US2236108DB Datasheet
197Kb / 5P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON LOAD SWITCH
logo
Texas Instruments
TPS22907 TI-TPS22907 Datasheet
1Mb / 14P
[Old version datasheet]   ULTRA SMALL, LOW-INPUT VOLTAGE, LOW rON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com