Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MRF151 Datasheet(Hoja de datos) 2 Page - Motorola, Inc

No. de Pieza. MRF151
Descripción  N-CHANNEL BROADBAND RF POWER MOSFET
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

   
 2 page
background image
MRF151
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage (VGS = 0, ID = 100 mA)
V(BR)DSS
125
Vdc
Zero Gate Voltage Drain Current (VDS = 50 V, VGS = 0)
IDSS
5.0
mAdc
Gate–Body Leakage Current (VGS = 20 V, VDS = 0)
IGSS
1.0
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage (VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
5.0
Vdc
Drain–Source On–Voltage (VGS = 10 V, ID = 10 A)
VDS(on)
1.0
3.0
5.0
Vdc
Forward Transconductance (VDS = 10 V, ID = 5.0 A)
gfs
5.0
7.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Ciss
350
pF
Output Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Coss
220
pF
Reverse Transfer Capacitance (VDS = 50 V, VGS = 0, f = 1.0 MHz)
Crss
15
pF
FUNCTIONAL TESTS
Common Source Amplifier Power Gain, f = 30; 30.001 MHz
(VDD = 50 V, Pout = 150 W (PEP), IDQ = 250 mA) f = 175 MHz
Gps
18
22
13
dB
Drain Efficiency
(VDD = 50 V, Pout = 150 W (PEP), f = 30; 30.001 MHz,
ID (Max) = 3.75 A)
η
40
45
%
Intermodulation Distortion (1)
(VDD = 50 V, Pout = 150 W (PEP), f = 30 MHz,
f2 = 30.001 MHz, IDQ = 250 mA)
IMD(d3)
IMD(d11)
–32
–60
–30
dB
Load Mismatch
(VDD = 50 V, Pout = 150 W (PEP), f1 = 30; 30.001 MHz,
IDQ = 250 mA, VSWR 30:1 at all Phase Angles)
ψ
No Degradation in Output Power
CLASS A PERFORMANCE
Intermodulation Distortion (1) and Power Gain
(VDD = 50 V, Pout = 50 W (PEP), f1 = 30 MHz,
f2 = 30.001 MHz, IDQ = 3.0 A)
GPS
IMD(d3)
IMD(d9 – 13)
23
–50
–75
dB
NOTE:
1. To MIL–STD–1311 Version A, Test Method 2204B, Two Tone, Reference Each Tone.
Figure 1. 30 MHz Test Circuit
C1 — 470 pF Dipped Mica
C2, C5, C6, C7, C8, C9 — 0.1
µF Ceramic Chip or
Monolythic with Short Leads
C3 — 200 pF Unencapsulated Mica or Dipped Mica
with Short Leads
C4 — 15 pF Unencapsulated Mica or Dipped Mica
with Short Leads
C10 — 10
µF/100 V Electrolytic
L1 — VK200/4B Ferrite Choke or Equivalent, 3.0
µH
L2 — Ferrite Bead(s), 2.0
µH
R1, R2 — 51
Ω/1.0 W Carbon
R3 — 3.3
Ω/1.0 W Carbon (or 2.0 x 6.8 Ω/1/2 W in Parallel)
T1 — 9:1 Broadband Transformer
T2 — 1:9 Broadband Transformer
Board Material — 0.062
″ Fiberglass (G10),
1 oz. Copper Clad, 2 Sides,
er = 5
BIAS
0–12 V
+
+
C5
C6
C7
C8
C9
C10
50 V
C4
T2
D.U.T.
R3
T1
C2
R2
C1
C3
L1
RF
INPUT
L2
+
RF
OUTPUT
R1




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MRF173N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF173CQN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MRF141N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF177N-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
MRF141GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreTyco Electronics
UGF2702525W 2.7 GHz 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MRF151GN-CHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl