Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX1632245TBR Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza 74VCX1632245TBR
Descripción Electrónicos  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245TBR Datasheet(HTML) 2 Page - STMicroelectronics

  74VCX1632245TBR Datasheet HTML 1Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 2Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 3Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 4Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 5Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 6Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 7Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 8Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74VCX1632245
2/18
Figure 2: Input And Output Equivalent Circuit
Table 2: Pin Description
TFBGA54 PIN°
µTFBGA42 PIN N°
TSSOP PIN N°
SYMBOL
NAME AND FUNCTION
A3
B3
1
1DIR
Directional Controls
J3
F3
24
2DIR
Directional Controls
A6, B5, B6, C5,
C6, D5, D6, E5
A4, A5, A6, B5,
B6, C5, C6, D5
47, 46, 44, 43,
41, 40, 38, 37
1A1, 1A2, 1A3, 1A4,
1A5, 1A6, 1A7, 1A8
Data Inputs/Outputs
E6, F5, F6, G5,
G6, H5, H6, J6
D6, E5, E6, F5,
F6, G4, G5, G6
36, 35, 33, 32,
30, 29, 27, 26
2A1, 2A2, 2A3, 2A4,
2A5, 2A6, 2A7, 2A8
Data Inputs/Outputs
A1, B2, B1, C2,
C1, D2, D1, E2
A3, A2, A1, B2,
B1, C2, C1, D2
2, 3, 5, 6,
8, 9, 11, 12
1B1, 1B2, 1B3, 1B4,
1B5, 1B6, 1B7, 1B8
Data Inputs/Outputs
E1, F2, F1, G2,
G1, H2, H1, J1
D1, E2, E1, F2,
F1, G3, G2, G1
13, 14, 16, 17,
19, 20, 22, 23
2B1, 2B2, 2B3, 2B4,
2B5, 2B6, 2B7, 2B8
Data Inputs/Outputs
J4
F4
25
G2
Output Enable Inputs
A4
B4
48
G1
Output Enable Inputs
D3, D4, E3, E4,
F3, F4
C3, C4, E3, E4
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
A2, A5, B3, B4,
H3, H4, J2, J5
-
-
NC
No Connected
C4, G4
D4
42, 31
VCCA
Positive Supply Voltage
C3, G3
D3
7, 18
VCCB
Positive Supply Voltage
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - 74VCX1632245TBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results

Descripción similar - 74VCX1632245TBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com