Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74VCX1632245TBR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 74VCX1632245TBR
Descripción Electrónicos  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX1632245TBR Datasheet(HTML) 5 Page - STMicroelectronics

  74VCX1632245TBR Datasheet HTML 1Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 2Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 3Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 4Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 5Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 6Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 7Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 8Page - STMicroelectronics 74VCX1632245TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
74VCX1632245
5/18
Table 6: DC Specification For VCCA
(*) VCC range = 3.3±0.3; 2.5±0.2V; 1.8±0.15V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIHA
High Level Input
Voltage (An) (*)
1.8
2.5
1.6
1.6
V
1.8
3.3
2.0
2.0
2.5
3.3
2.0
2.0
VILA
Low Level Input
Voltage (An) (*)
1.8
2.5
0.7
0.7
V
1.8
3.3
0.8
0.8
2.5
3.3
0.8
0.8
VOHA
High Level
Output Voltage
2.3
3.0
IO=-100µA
2.8
2.8
V
2.3
3.0
IO=-8mA
2.4
2.4
1.65
3.0
IO=-8mA
2.4
2.4
1.65
2.3
IO=-6mA
1.8
1.8
VOLA
Low Level
Output Voltage
2.3
3.0
IO=100µA
0.2
0.2
V
2.3
3.0
IO=8mA
0.55
0.55
1.65
3.0
IO=8mA
0.55
0.55
1.65
2.3
IO=6mA
0.40
0.40
IIA
Input Leakage
Current
2.7
3.6
VI = VCC or GND
± 0.5
± 5
µA
IOZA
High Impedance
Output Leakage
Current
2.7
3.6
VIA = GND or 3.6V
VIB = VIHB or VILB
G = VCCB
± 1.0
± 10
µA
IOFF
Power Off
Leakage Current
00
VIA = GND to 3.6V
VIB = GND to 3.6V
G, Dir = GND to
3.6V
± 1.0
± 10
µA
ICCtA
Quiescent
Supply Current
1.95
3.6
VIA =VCCA or GND
VIB =VCCB or GND
220
µA
1.95
2.7
2.7
3.6
∆ICCtA Maximum
Quiescent
Supply Current /
Input (An)
2.7
3.6
VIA =VCCA - 0.6V
VIB =VCCB or GND
0.75
mA
1.95
3.6
1.95
2.7
Obsolete
Product(s)
- Obsolete
Product(s)


Número de pieza similar - 74VCX1632245TBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results

Descripción similar - 74VCX1632245TBR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3236 STMICROELECTRONICS-ST1G3236 Datasheet
356Kb / 19P
   1-bit dual supply bus transceiver level translator with A-side series resistor
ST2G3236 STMICROELECTRONICS-ST2G3236 Datasheet
290Kb / 20P
   2-bit dual supply bus transceiver level translator with a side series resistor
74VCX163245 STMICROELECTRONICS-74VCX163245 Datasheet
342Kb / 15P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR
ST4G3235 STMICROELECTRONICS-ST4G3235_07 Datasheet
218Kb / 21P
   4-bit dual supply bus buffer level translator with a side series resistor
ST1G3234_0508 STMICROELECTRONICS-ST1G3234_0508 Datasheet
170Kb / 15P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST1G3234 STMICROELECTRONICS-ST1G3234 Datasheet
442Kb / 11P
   1-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
ST1G3234B STMICROELECTRONICS-ST1G3234B Datasheet
254Kb / 17P
   1-bit dual supply bus buffer level translator with A-side series resistor
ST4G3234 STMICROELECTRONICS-ST4G3234 Datasheet
472Kb / 11P
   4-BIT DUAL SUPPLY BUS BUFFER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com